Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML49 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # ML49
Description  Surface Mount Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

ML49 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  ML49 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency Stability
See Table 2
Aging
△
F / F : ±3 ppm / year ( max. )
Series or Parallel ( 8 to 32 pF ) resonance
Drive Level
10μ W typica ( 100μ W max. )
Frequency Tolerance
± 5 ppm , ± 10 ppm , ± 20 ppm or ± 30 ppm at 25°C
Specifications
General Specifications
Outline Dimensions ( Unit : mm )
Item / Type
M49 ( 12.4 * 4.5 * 4.0mm )
, ML49 ( 12.4 * 4.5 * 3.0mm ) series
3.2.000 ~ 48.000 MHz , AT-cut , Fundamental Mode ( see Table 1 )
27.000 ~ 70.000 MHz , AT-cut , 3rd overtone ( see Table 1 )
Frequency Range & Crystal Cut
24.000 ~ 48.000 MHz , BT-cut , Fundamental Mode ( see Table 1 )
Load Capacitance
●
High frequency fundamental mode is available in BT-cut
●
Withstands solder reflow and is available in EIA-481A tape and ree .l
●
Lowest cost among all Mercury SMD crystals
●
AT-strip crystal inside. Optimized for low spurious.
Freq.(MHz)
Osc. Mode
E.S.R.
ESR ( Equivalent Series Resistance )
Storage Temperature Range
- 50°C to 105°C
Table 1
Mercury www .mercury-crystal.com
■
Taiwan : Tel (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: Tel: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China: Tel: (86)-512-5763-8100 / sales-cn@mecxtal.com
Freq.(MHz)
Osc. Mode
E.S.R.
3.2 ~ 3.4
AT , Fund.
300 Ω
24.0 ~ 48.0
BT , Fund.
40 Ω
100 Ω
3.5 ~ 6.0
AT , Fund.
120 Ω
27.0 ~ 30.0
AT , Fund.
60 Ω
30.1 ~ 50.0
AT , 3rd
AT , 3rd
80 Ω
AT , 3rd
150 Ω
10.1 ~ 30.0
AT , Fund.
40 Ω
50.1 ~ 70.0
6.1 ~ 10.0
± 30
I
○○○○
-40 to 85°C
± 10
± 15
± 20
± 25
-20 to 70°C
▲○○○○
-10 to 60°C
○○
Frequency stability Vs Operating temperature range
Table 2
○
: available ; ▲ : contact Mercury
Temp. (ºC) \ ppm
Stability code
X
Y
○○
○
Surface Mount Crystals
Fund.
3rd O.T.
Features
M49
[ 12.4 * 4.5 * 4.0 mm ]
ML49
[ 12.4 * 4.5 * 3.0 mm ]
Min.
Max.
3.2MHz
70MHz


Similar Part No. - ML49

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4900CS MICRO-LINEAR-ML4900CS Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4900CT MICRO-LINEAR-ML4900CT Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
More results

Similar Description - ML49

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATSM-49 MTRONPTI-ATSM-49 Datasheet
260Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
Surface Mount Crystals
logo
EUROQUARTZ limited
49MJ EUROQUARTZ-49MJ Datasheet
104Kb / 1P
SURFACE-MOUNT CRYSTALS
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
SURFACE-MOUNT CRYSTALS
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
SURFACE-MOUNT CRYSTALS
MF1050 EUROQUARTZ-MF1050 Datasheet
58Kb / 1P
SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Mercury United Electron...
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
Surface Mount Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com