Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD751V Datasheet(PDF) 1 Page - Frontier Electronics.

Part # ASD751V
Description  30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ASD751V Datasheet(HTML) 1 Page - Frontier Electronics.

  ASD751V Datasheet HTML 1Page - Frontier Electronics. ASD751V Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ASD751V
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V
FEATURES
EXTREMELY LOW VF
EXTREMELY THIN PACKAGE
LOW STORED CHARGE
MAJORITY CARRIER CONDUCTION
MECHANICAL DATA
CASE: SOD-323, DIMENSIONS IN MILLIMETERS
TERMINALS: SOLDERABLE
PER MIL-STD 750
METHOD 2026
POLARITY: CATHODE INDICATED
BY COLOR BAND
WEIGHT: 0.0045 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS
SYMBOL
ASD751V
UNITS
BREAK DOWN VOLTAGE
Bv
40
V
CONTINUOUS REVERSE VOLTAGE
VR
30
V
OPERATION CURRENT
IO
30
mA
PEAK FORWARD SURGE CURRENT 8.3mS 1/2 Sine Wave
IFSM
200
mA
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
20
PF
STORAGE TEMPERATURE RANGE
TSTG
- 40 TO + 125
°C
OPERATING TEMPERATURE RANGE
TOP
- 40 TO + 125
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
ASD751V
UNITS
MAXIMUM FORWARD VOLTAGE AT IF 1mA DC
VF
0.37
V
MAXIMUM DC REVERSE CURRENT AT VR=30V
IR
0.5
μA
MARKING
1
NOTE: 1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 10.0 V
2.0±0.2
1.2±0.2
R:0.3
0.9±0.2
CATHODE
ELECTRODE
ANODE
ELECTRODE
CATHODE
MARK
2.1
0.9
0.8
Recommended Land
Pattern Dimension


Similar Part No. - ASD751V

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ASD751V FORMOSA-ASD751V Datasheet
82Kb / 2P
Advanced Schottky Barrier Diodes
logo
Frontier Electronics.
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N2 FORMOSA-ASD751V-N2 Datasheet
89Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
More results

Similar Description - ASD751V

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ASD501V-N FORMOSA-ASD501V-N Datasheet
77Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Frontier Electronics.
ASD500V FRONTIER-ASD500V Datasheet
118Kb / 2P
100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD500V-LFR FRONTIER-ASD500V-LFR Datasheet
118Kb / 2P
100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD501V FRONTIER-ASD501V Datasheet
118Kb / 2P
100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD723 FRONTIER-ASD723 Datasheet
119Kb / 2P
200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD723-LFR FRONTIER-ASD723-LFR Datasheet
119Kb / 2P
200mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com