Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EB Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6660EB
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EB Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6660EB Datasheet HTML 3Page - Sipex Corporation SP6660EB Datasheet HTML 4Page - Sipex Corporation SP6660EB Datasheet HTML 5Page - Sipex Corporation SP6660EB Datasheet HTML 6Page - Sipex Corporation SP6660EB Datasheet HTML 7Page - Sipex Corporation SP6660EB Datasheet HTML 8Page - Sipex Corporation SP6660EB Datasheet HTML 9Page - Sipex Corporation SP6660EB Datasheet HTML 10Page - Sipex Corporation SP6660EB Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
7
g
V+ = 3.6V
V+ = 2.5V
V+ = 1.5V
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.6V, TAMB = 25
oC unless otherwise noted. LF = Low Frequency, FC = Open, C1 = C2 = 150
µF.
HF = High Frequency, FC = V+, C1 = C2 = 22
µF. Inverter Circuit use Figure 1. Doubler Circuit use Figure 2.
Figure 5. Output Voltage Drop vs. Load Current – Inverter LF
Figure 6. Power Efficiency vs. Load Current – Inverter LF
V+ = 3.6V
V+ = 2.5V
V+ = 1.5V
Figure 7. Output Voltage vs. Oscillator Frequency
Inverter IL = 10mA
Inverter IL = 100mA
Inverter IL = 200mA
Doubler IL = 10mA
Doubler IL = 100mA
Doubler IL = 200mA
Load Current (mA)
0
50
100
150
200
250
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Load Current (mA)
0
50
100
150
200
250
100
95
90
85
80
75
70
65
60
Oscillator Frequency (kHz)
1
10
100
1000
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com