Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS075D Datasheet(PDF) 5 Page - Frontier Electronics.

Part # CSS075D
Description  Tape and Reel Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS075D Datasheet(HTML) 5 Page - Frontier Electronics.

  CSS075D Datasheet HTML 1Page - Frontier Electronics. CSS075D Datasheet HTML 2Page - Frontier Electronics. CSS075D Datasheet HTML 3Page - Frontier Electronics. CSS075D Datasheet HTML 4Page - Frontier Electronics. CSS075D Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Tape & Reel Specification for SMD products
Rev. T
Oct. 15, 2006. Page: 5 of 5
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Tape and Reel Specifications
SMD Power Choke
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
CSN073F
340
100
13
21.5
16.5
16
12
4
2
4.00
0.30
---
1,400
2,800
8,400
CSN075F
340
100
13
21.5
16.5
16
12
4
2
5.85
0.30
---
1,100
2,200
6,600
CSN082F
340
100
13
30.4
24.5
24
16
4
2
3.00
0.35
1,300
1,300
13,000
CSN084F
340
100
13
30.4
24.5
24
16
4
2
5.85
0.35
---
750
750
6,000
CSS073F
340
100
13
21.5
16.5
16
12
4
2
4.00
0.30
---
1,400
2,800
8,400
CSS075F
340
100
13
21.5
16.5
16
12
4
2
5.85
0.30
---
1,100
2,200
6,600
CSS084F
340
100
13
30.4
24.5
24
16
4
2
5.85
0.35
---
750
750
6,000
CSS124F
340
100
13
30.5
25.0
24
16
4
2
5.50
0.35
---
750
750
6,000
CSS125F
340
100
13
30.5
25.0
24
16
4
2
6.50
0.35
---
500
500
4,000
CSS127F
340
100
13
29.5
24.5
24
16
4
2
8.80
0.40
---
500
500
4,000
CSS136F
340
100
13
38.4
32.5
32
20
4
2
7.90
0.40
---
350
350
2,800
CSS0211P
180
50
13
16.5
12.5
12
8
4
2
1.30
0.30
1,000
---
4,000
24,000
CSS0214P
180
50
13
16.5
12.5
12
8
4
2
1.60
0.30
1,000
---
4,000
24,000
CSS0218P
180
50
13
16.5
12.5
12
8
4
2
2.10
0.30
1,000
---
4,000
24,000
CSS0316P
180
50
13
16.5
12.5
12
8
4
2
2.50
0.30
1,000
---
4,000
24,000
CSS0418P
340
100
13
21.5
16.5
16
8
4
2
2.75
0.35
---
2,000
4,000
12,000
CSS0428P
340
100
13
22.5
16.5
16
12
4
2
3.45
0.35
---
1,500
3,000
9,000
CSS0518P
340
100
13
21.5
16.5
16
12
4
2
2.75
0.35
---
2,000
4,000
12,000
CSS0528P
340
100
13
22.4
16.5
16
12
4
2
3.60
0.35
---
1,500
3,000
9,000
CSS0628P
340
100
13
21.5
16.5
16
12
4
2
3.25
0.35
---
1,500
3,000
9,000
CSS0638P
330
100
13
22.4
16.4
16
12
4
2
4.50
0.35
---
1,200
2,400
7,200
CSS124P
340
100
13
30.5
25.0
24
16
4
2
5.85
0.35
---
750
750
6,000
CSS125P
340
100
13
29.5
24.5
24
16
4
2
5.55
0.35
---
500
500
4,000
CSS127P
340
100
13
29.5
24.5
24
16
4
2
7.85
0.35
---
500
500
4,000
CSS0625F
340
100
13
21.5
16.5
16
12
4
2
3.95
0.35
1,000
2,000
6,000
CSS0628F
340
100
13
21.5
16.5
16
12
4
2
3.95
0.35
---
1,000
2,000
6,000
CSS0728F
340
100
13
21.5
16.5
16
12
4
2
6.00
0.35
---
1,000
2,000
6,000
CSS0730F
340
100
13
21.5
16.5
16
12
4
2
3.80
0.35
---
1,000
2,000
6.,000
CSS0732F
340
100
13
21.5
16.5
16
12
4
2
4.00
0.35
---
1,000
2,000
6,000
CSS0745F
340
100
13
21.5
16.5
16
12
4
2
5.30
0.35
---
1,000
2,000
6,000
CSS1045F
340
100
13
30.4
24.5
24
16
4
2
4.30
0.40
---
500
500
4,000
CSS1355F
330
100
13
30.4
24.4
24
16
4
2
6.10
0.40
---
650
650
5,200
CSS1365F
330
100
13
30.4
24.4
24
20
4
2
7.10
0.40
---
500
500
3,600
CSS1375F
330
100
13
30.4
24.4
24
20
4
2
8.10
0.40
---
400
400
3,200
CSN0410H
180
50
13
16.5
12.5
12
8
4
2
1.40
0.35
1,000
---
4,000
24,000
CST0413H
180
50
13
16.5
12.5
12
8
4
2
2.00
0.30
1,000
---
4,000
24,000
CSS0630G
330
100
13
18.5
12.4
12
12
4
2
3.15
0.30
---
1,500
3,000
9,000
CSS1038G
340
100
13
30.4
24.5
24
16
4
2
4.80
0.35
---
1,000
1,000
8,000
CSS1050G
340
100
13
30.4
24.5
24
16
4
2
6.00
0.35
---
500
500
4,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com