Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS105D Datasheet(PDF) 2 Page - Frontier Electronics.

Part # CSS105D
Description  Tape and Reel Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS105D Datasheet(HTML) 2 Page - Frontier Electronics.

  CSS105D Datasheet HTML 1Page - Frontier Electronics. CSS105D Datasheet HTML 2Page - Frontier Electronics. CSS105D Datasheet HTML 3Page - Frontier Electronics. CSS105D Datasheet HTML 4Page - Frontier Electronics. CSS105D Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tape & Reel Specification for SMD products
Rev. T
Oct. 15, 2006. Page: 2 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Tape and Reel Specifications
SMD Wire Wound RF Ceramic/Ferrite Chip Inductors/RFID Transponder Coils
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
0603C
178
50
13
12.5
8.4
8
4
4
2
1.04
0.22
4,000
---
20,000 120,000
0805C
178
50
13
12.5
8.4
8
4
4
2
1.70
0.25
3,000
---
15,000
90,000
0805F
178
50
13
12.5
8.4
8
4
4
2
1.70
0.25
3,000
---
15,000
90,000
1008C
178
50
13
12.5
8.4
8
4
4
2
2.52
0.25
2,000
---
10,000
60,000
1210C
178
50
13
12.5
8.4
8
4
4
2
2.43
0.23
2,000
---
10,000
60,000
1008F
178
50
13
12.5
8.4
8
4
4
2
2.52
0.25
2,000
---
10,000
60,000
1210F
178
50
13
12.5
8.4
8
4
4
2
2.35
0.25
2,000
---
10,000
60,000
1206SDF
178
50
13
12.5
8.4
12
8
4
2
2.35
0.23
---
1,800
5,400
16,200
1210SDF
178
50
13
12.5
8.4
12
8
4
2
2.43
0.23
---
2,500
7,500
22,500
1306F
178
50
13
12.5
8.4
8
4
4
2
1.95
0.23
2,000
---
10,000
60,000
2220SDF
178
50
13
16.5
12.5
12
8
4
2
3.50
0.35
---
1,400
4,200
12,600
CF322522
178
50
13
12.5
8.4
8
4
4
2
2.52
0.25
2,000
---
10,000
60,000
CF453232
178
50
13
16.5
12.5
12
8
4
2
3.50
0.35
500
---
2,000
12,000
STC1120
360
100
13
30.4
24.4
24
8
4
2
2.70
0.30
---
3,000
6,000
30,000
SMD Air Coil
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
291A
178
50
13
16.5
12.5
12
8
4
2
3.56
0.25
500
---
2,000
12,000
291B
178
50
13
21.5
16.5
16
8
4
2
3.58
0.25
500
---
1,500
9,000
292A
178
50
13
12.5
8.4
8
8
4
2
1.70
0.30
1,000
---
5,000
30,000
292B
178
50
13
16.5
12.5
12
8
4
2
1.95
0.35
1,000
---
3,000
18,000
293A
340
100
13
21.5
16.5
16
12
4
2
4.40
0.30
---
1,000
1,000
10,000
294A
340
100
13
29.5
24.5
24
12
4
2
6.25
0.35
---
1,000
1,000
8,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com