Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP782 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP782
Description  Programmable Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP782 Datasheet(HTML) 4 Page - Sipex Corporation

  SP782 Datasheet HTML 1Page - Sipex Corporation SP782 Datasheet HTML 2Page - Sipex Corporation SP782 Datasheet HTML 3Page - Sipex Corporation SP782 Datasheet HTML 4Page - Sipex Corporation SP782 Datasheet HTML 5Page - Sipex Corporation SP782 Datasheet HTML 6Page - Sipex Corporation SP782 Datasheet HTML 7Page - Sipex Corporation SP782 Datasheet HTML 8Page - Sipex Corporation SP782 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
© Copyright 2000 Sipex Corporation
AC CHARACTERISTICS*
(Typical @ 25
°C and nominal supply voltages unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP782 POWER-UP DELAY TIME
±10V OUTPUT
t
DVDD; VDD Power On Delay
1000
µsR
L = 1kΩ
t
DVSS; VSS Power-On Delay
1000
µsR
L = 1kΩ
±5V OUTPUT
t
DVDD; VDD Power On Delay
10
µsR
L = 1kΩ
t
DVSS; VSS Power-On Delay
150
µsR
L = 1kΩ
SP782 OUTPUT DELAY TIME
t
SD1; Switching Delay
1000
µsR
L = 1kΩ
from
±10V to ±5V
t
SD2; Switching Delay
500
µsR
L = 1kΩ
from
±5V to ±10V
SP784 POWER-UP DELAY TIME
±10V OUTPUT
t
DVDD; VDD Power On Delay
5
ms
R
L = 1kΩ
t
DVSS; VSS Power-On Delay
5
ms
R
L = 1kΩ
±5V OUTPUT
t
DVDD; VDD Power On Delay
10
µsR
L = 1kΩ
t
DVSS; VSS Power-On Delay
1000
µsR
L = 1kΩ
SP784 OUTPUT DELAY TIME
t
SD1; Switching Delay
10
ms
R
L = 1kΩ
from
±10V to ±5V
t
SD2; Switching Delay
2
ms
R
L = 1kΩ
from
±5V to ±10V
* - Using the charge pump capacitor values specified in the previous pages for each device.
Figure 1. Charge Pump Waveforms
–10V
+10V
C
2
+
C
2
(a)
(b)
C
2
+
+5V
GND
GND
C
2
–5V
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com