Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP782CP Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP782CP
Description  Programmable Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP782CP Datasheet(HTML) 3 Page - Sipex Corporation

  SP782CP Datasheet HTML 1Page - Sipex Corporation SP782CP Datasheet HTML 2Page - Sipex Corporation SP782CP Datasheet HTML 3Page - Sipex Corporation SP782CP Datasheet HTML 4Page - Sipex Corporation SP782CP Datasheet HTML 5Page - Sipex Corporation SP782CP Datasheet HTML 6Page - Sipex Corporation SP782CP Datasheet HTML 7Page - Sipex Corporation SP782CP Datasheet HTML 8Page - Sipex Corporation SP782CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
© Copyright 2000 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC...........................................................................+7V
V
DD.........................................................................+11V
V
SS.........................................................................–11V
Storage Temperature..........................-65˚C to +150˚C
Power Dissipation
16-pin Plastic DIP...........................1000mW
16-pin Plastic SOIC.........................1000mW
Package Derating:
16-pin Plastic DIP
ø
JA....................................................62 °C/W
16-pin Plastic SOIC
ø
JA....................................................62 °C/W
SP784 SPECIFICATIONS
Typical @ 25
°C and V
CC = VCC ± 5% unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SUPPLY CURRENT
CHARGE PUMP CAPACITORS: 10
µF
I
CC
510
mA
V
CC = +5V, RL = ∞, VO = 2xVCC
1
5
mA
V
CC = +5V, RL = ∞, VO = VCC
Shutdown I
CC
10
25
µAV
CC = +5V, SD = VCC
POSITIVE CHARGE PUMP OUTPUT
CHARGE PUMP CAPACITORS: 10
µF
V
DD (2xVCC Output)
+9.0
+9.8
+10.0
Volts
V
CC = +5V, D0 = 0V, D1 = 0V
R
L = ∞
+8.0
+9.5
Volts
V
CC = +5V, D0 = 0V, D1 = 0V
R
L = 1kΩ
V
DD (VCC Output)
+4.5
+4.8
+5.0
Volts
V
CC = +5V, D0 = VCC, D1 = VCC
R
L = ∞
+4.2
+4.5
Volts
V
CC = +5V, D0 = VCC, D1 = VCC
R
L = 1kΩ
NEGATIVE CHARGE PUMP OUTPUT
CHARGE PUMP CAPACITORS: 10
µF
V
SS (2xVCC Output)
–9.0
–9.8
–10.0
Volts
V
CC = +5V, D0 = 0V, D1 = 0V
R
L = ∞
–8.0
–9.5
Volts
V
CC = +5V, D0 = 0V, D1 = 0V
R
L = 1kΩ
V
SS (–VCC Output)
–4.2
–4.5
–5.0
Volts
V
CC = +5V, D0 = VCC, D1 = VCC
R
L = ∞
–4.0
–4.2
Volts
V
CC = +5V, D0 = VCC, D1 = VCC
R
L = 1kΩ
OSCILLATOR FREQUENCY
f
OSC
300
kHz
SD = 0V
VOLTAGE CONVERSION EFFICIENCY
V
DD (2X VCC Output)
90
98
%
R
L = ∞
V
DD (2X VCC Output)
80
95
%
R
L = 1kΩ
V
SS (2X VCC Output)
90
98
%
R
L = ∞
V
SS (2X VCC Output)
80
95
%
R
L = 1kΩ
POWER REQUIREMENTS
V
CC
+4.75
+5.25
Volts
ENVIRONMENTAL AND MECHANICAL
Operating Temperature Range
0
+70
°C
Storage Temperature Range
–65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com