Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5913 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1N5913
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1N5913 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  1N5913 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1N5913 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1N5913 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZENER DIODES
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3000mW
2 of 3
1N5913-1N5956
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS
(TL = 30°C unless otherwise noted,
VF = 1.5 V Max @ IF = 200 mAdc for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
IZM
Maximum DC Zener Current
TYPE
型号
Zener voltage
齐纳电压
Dynamic resistance
动态阻抗
Maximum reverse current
最大反向电流
TA=25℃
Maximum
regulator current
最大稳压电流
Power
dissipation
耗散功率
Package
封装形式
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
IZM
Pd
V
mA
Ω
Ω
mA
μA
V
mA
mW
1N5913
3.3
113.6
10
500
1.0
100
1.0
454
3000
DO-15
1N5914
3.6
104.2
9
500
1.0
75
1.0
416
3000
DO-15
1N5915
3.9
96.1
7.5
500
1.0
25
1.0
384
3000
DO-15
1N5916
4.3
87.2
6
500
1.0
5.0
1.0
348
3000
DO-15
1N5917
4.7
79.8
5
500
1.0
5.0
1.5
319
3000
DO-15
1N5918
5.1
73.5
4
500
1.0
5.0
2.0
294
3000
DO-15
1N5919
5.6
66.9
2
500
1.0
5.0
3.0
267
3000
DO-15
1N5920
6.2
60.5
2
200
1.0
5.0
4.0
241
3000
DO-15
1N5921
6.8
55.1
2.5
200
1.0
5.0
5.2
220
3000
DO-15
1N5922
7.5
50
3
400
0.5
5.0
6.0
200
3000
DO-15
1N5923
8.2
45.7
3.5
400
0.5
5.0
6.5
182
3000
DO-15
1N5924
9.1
41.2
4
500
0.5
5.0
7.0
164
3000
DO-15
1N5925
10
37.5
4.5
500
0.25
5.0
8.0
150
3000
DO-15
1N5926
11
34.1
5.5
550
0.25
5.0
8.4
136
3000
DO-15
1N5927
12
31.2
6.5
550
0.25
1.0
9.1
125
3000
DO-15
1N5928
13
28.8
7
550
0.25
1.0
9.9
115
3000
DO-15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com