Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP704CP Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP704CP
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704CP Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP704CP Datasheet HTML 5Page - Sipex Corporation SP704CP Datasheet HTML 6Page - Sipex Corporation SP704CP Datasheet HTML 7Page - Sipex Corporation SP704CP Datasheet HTML 8Page - Sipex Corporation SP704CP Datasheet HTML 9Page - Sipex Corporation SP704CP Datasheet HTML 10Page - Sipex Corporation SP704CP Datasheet HTML 11Page - Sipex Corporation SP704CP Datasheet HTML 12Page - Sipex Corporation SP704CP Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
9
THEORY OF OPERATION
Reset Output
The microprocessor's (
µP's) reset input starts
the
µP in a known state. When the µP is in an
unknown state, it should be held in reset. The
SP703/704 assert reset during power-up and
prevent code execution errors during power-
down or brownout conditions.
On power-up, once V
CC reaches 1V, RESET is
guaranteed to be a logic low. As V
CC rises,
RESET remains low. When V
CC exceeds the
reset threshold, RESET will remain low for
200ms, Figure 9.
If a brownout condition
occurs and V
CC dips below the reset threshold,
RESET is triggered. Each time RESET is trig-
gered, it stays low for the reset pulse width
interval. If a brownout condition interrupts a
previously initiated reset pulse, the reset pulse
continues for another 200ms. On power-down,
once V
CC goes below the threshold, RESET is
guaranteed to be logic low until V
CC drops
below 1V. RESET is also triggered by a
manual reset
FEATURES
The SP703/704 devices provide four key func-
tions:
1. A battery backup switching for CMOS RAM,
CMOS microprocessors, or other logic.
2. A reset output during power-up, power-down
and brownout conditions.
3. A reset pulse if the manual reset has been
pulled below 0.8V for at least 150ns.
4. A 1.25V threshold detector for power-fail
warning, low battery detection, or to monitor a
power supply other than +5V.
The SP703/704 devices differ only in their
supply voltage monitor level. The SP703
generates a reset when V
CC drops below 4.65V
while the SP704 generates a reset below 4.4V.
The SP703/704 devices are ideally suited for
applications in automotive systems, intelligent
instruments, and battery-powered computers and
controllers. All designs into an environment
where it is critical to monitor the power supply
to the
µP and its related digital components will
find the SP703/704 ideal.
Figure 8. Typical Operating Circuit
GND
GND
RESET
NMI
VCC
RESET
PFO
MR
VOUT
BUS
VCC
GND
VBATT
R2
R1
Unregulated
Regulated +5V
VCC
0.1
µF
PFI
DC
Lithium
Battery
3.6V
µP
CMOS
RAM
Pushbutton
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com