Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY296G Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY296G
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY296G Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY296G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY296G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100V-800V
GLASS PASSIVATED FAST RECOVERY RECTIFIERS
2.0A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
BY296G-BY299G
Case: JEDEC DO-15 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.014 ounce, 0.40 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
100
70
100
200
140
200
400
280
400
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
70.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
100.0
RθJA
CJ
TJ,TSTG
40.0
40.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
500
ns
BY296G
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
BY297G
BY298G
BY299G
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.


Similar Part No. - BY296G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
BY296G CHONGQING-BY296G Datasheet
38Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
BY296G SHUNYE-BY296G Datasheet
1,002Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
BY296G CHENDA-BY296G Datasheet
533Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY296G CHENDA-BY296G Datasheet
543Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY296G SHUNYE-BY296G_17 Datasheet
1,009Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - BY296G

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
FR101G CHENDA-FR101G Datasheet
533Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
1N4933G CHENDA-1N4933G_V01 Datasheet
643Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY296G CHENDA-BY296G_V01 Datasheet
543Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com