Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY396G Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BY396G
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BY396G Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BY396G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY396G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLASS PASSIVATED FAST RECOVERY RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
100V-800V
2.0A
2 of 2
BY396G-BY399G
FIG.1-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
VF INSTANTANEOUS FORWARD VOLTAGE DROP (V)
1
100
0.1
10
T
j=25℃
1.2
1
0.6
0.8
1.6
1.4
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
10mm
10mm
LEAD TEMPERATURE (℃)
125
0
25
150
100
75
50
175
0
4
5
3
2
1
FIG.3-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
25
75
125
0
50
100
8.3m SINGLE HALF SINE WAVE
(JEDEC Method)
1
2
100
60
10
8
6
4
40
20
FIG.4-TYPICAL JUNCTION CAPACITANCE
VR REVERSE VOLTAGE (V)
T
j=25℃
f=1MHz
100
50
10
5
1
50
100
10
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com