Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP704EN Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP704EN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP704EN Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP704EN Datasheet HTML 8Page - Sipex Corporation SP704EN Datasheet HTML 9Page - Sipex Corporation SP704EN Datasheet HTML 10Page - Sipex Corporation SP704EN Datasheet HTML 11Page - Sipex Corporation SP704EN Datasheet HTML 12Page - Sipex Corporation SP704EN Datasheet HTML 13Page - Sipex Corporation SP704EN Datasheet HTML 14Page - Sipex Corporation SP704EN Datasheet HTML 15Page - Sipex Corporation SP704EN Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
15
D
EH
PACKAGE: PLASTIC
SMALL OUTLINE (SOIC)
(NARROW)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
8–PIN
A
A1
Ø
L
B
e
h x 45°
A
A1
B
D
E
e
H
h
L
Ø
0.053/0.069
(1.346/1.748)
0.004/0.010
(0.102/0.249
0.014/0.019
(0.35/0.49)
0.189/0.197
(4.80/5.00)
0.150/0.157
(3.802/3.988)
0.050 BSC
(1.270 BSC)
0.228/0.244
(5.801/6.198)
0.010/0.020
(0.254/0.498)
0.016/0.050
(0.406/1.270)
0°/8°
(0°/8°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com