Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP774BK Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP774BK
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP774BK Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP774BK Datasheet HTML 3Page - Sipex Corporation SP774BK Datasheet HTML 4Page - Sipex Corporation SP774BK Datasheet HTML 5Page - Sipex Corporation SP774BK Datasheet HTML 6Page - Sipex Corporation SP774BK Datasheet HTML 7Page - Sipex Corporation SP774BK Datasheet HTML 8Page - Sipex Corporation SP774BK Datasheet HTML 9Page - Sipex Corporation SP774BK Datasheet HTML 10Page - Sipex Corporation SP774BK Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
7
2
28
STS
DGND
12/8
CS
A0
R/C
CE
THREE–STATE BUFFERS AND CONTROL
NIBBLE A
NIBBLE B
NIBBLE C
27
26
25
24
23
22
21 20
19 18
17 16
OUTPUT BITS
MSB
LSB
3
4
5
6
CONTROL
LOGIC
OSCILLATOR
12–BITS
12–BITS
SAMPLE/HOLD
CDAC
LSB
MSB
OFFSET/GAIN
TRIM NETWORK
REF
REF
AMP
1
15
VLOGIC
+5V
711
VCC
VEE
9
AGND
+15V
N.C.
8
10
VREF
OUT
VREF
IN
R2
100
Ω
R1
100K
Ω
100K
Ω
-15V
+15V
100
Ω
10V
IN
20V
IN
BIP
OFF
13
14
12
ANALOG
INPUTS
0TO10V
0TO20V
12–BIT SAR
COMP
STROBE
10µF
0.1µF
10µF
0.1µF
+
+
Figure 2. Unipolar Input Connections
signals between ground traces and cross digital
lines at right angles only.
Grounding Considerations
Any ground path from the analog and digital
ground should be as low resistance as possible to
accommodate the ground currents present with
this device.
The analog ground current is approximately
6mA DC while the digital ground is 3mA DC.
The analog and digital common pins should be
tied together as close to the package as possible
to guarantee best performance. The code–de-
pendent currents flow through the V
LOGIC and
V
CC terminals and not through the analog and
digital common pins.
Power Supplies
The supply voltages for the SPx74B must be kept
as quiet as possible from noise pickup and also
regulated from transients or drops. Because the
part has 12–bit accuracy, voltage spikes on the
supply lines can cause several LSB deviations on
the output. Switching power supply noise can be a
problem. Careful filtering and shielding should be
employed to prevent the noise from being picked
up by the converter.
Capacitor bypass pairs are needed from each sup-
ply pin to its respective ground to filter noise and
counter the problems caused by the variations in
supply current. A 10
µF tantalum and a 0.1µF
ceramic type in parallel between V
LOGIC (pin 1) and
digital common (pin15), and V
CC (pin 7) and
analog common (pin 9) is sufficient. V
EE is gener-
ated internally so pin 11 may be grounded or
connected to a negative supply if the SPx74B is
being used to upgrade an already existing design.
CALIBRATION AND CONNECTION
PROCEDURES
Unipolar
The calibration procedure consists of adjusting the
converter’s most negative output to its ideal value for
offsetadjustment,andthenadjustingthemostpositive
output to its ideal value for gain adjustment.
Starting with offset adjustment and referring to
Figure 2, the midpoint of the first LSB increment
should be positioned at the origin to get an output
code of all 0s. To do this, an input of +1⁄
2 LSB or
+1.22mV for the 10V range and +2.44mV for the
20V range should be applied to the SPx74B.
Adjust the offset potentiometer R
1 for code transi-
tion flickers between 0000 0000 0000 and 0000
0000 0001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com