Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS1050G Datasheet(PDF) 3 Page - Frontier Electronics.

Part # CSS1050G
Description  Tape and Reel Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS1050G Datasheet(HTML) 3 Page - Frontier Electronics.

  CSS1050G Datasheet HTML 1Page - Frontier Electronics. CSS1050G Datasheet HTML 2Page - Frontier Electronics. CSS1050G Datasheet HTML 3Page - Frontier Electronics. CSS1050G Datasheet HTML 4Page - Frontier Electronics. CSS1050G Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tape & Reel Specification for SMD products
Rev. T
Oct. 15, 2006. Page: 3 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Tape and Reel Specifications
SMD Balun Transformers
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
SBT201
340
100
13
16.5
12.5
12
8
4
2
3.75
0.35
---
2500
5000
35,000
SBT203
340
100
13
16.5
12.5
12
8
4
2
3.75
0.35
---
2500
5000
35,000
SBT213
340
100
13
16.5
12.5
12
8
4
2
3.75
0.35
---
2500
5000
35,000
SBT301
340
100
13
22.5
16.5
16
12
4
2
4.65
0.35
---
1000
2000
12,000
SBT303
340
100
13
22.5
16.5
16
12
4
2
4.65
0.35
---
1000
2000
12,000
SBT205
340
100
13
22.5
16.5
16
12
4
2
3.5
0.35
---
1500
3000
18,000
SMT Transformer/Inductor/Chip Common Mode Choke Coils
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
SDLF-XXX
340
100
13
22.5
16.5
16
12
4
2
4.45
0.35
---
1,500
1,500
12,000
SMTxxx-1A/-1MA
340
60
13
30.4
25.5
24
16
4
2
5.41
0.37
---
800
800
8,000
SMTxxx-2A/-2MA
340
60
13
30.4
25.5
24
20
4
2
6.76
0.37
---
500
500
5,000
TSS1230F
340
60
13
30.5
24.5
24
16
4
2
3.40
0.30
---
1,000
1,000
8,000
SCM2012F
178
50
13
12.5
8.40
8
4
4
8
1.25
0.22
3,000
---
15,000
90,000
SCM2012F-I
178
50
13
12.5
8.40
8
4
4
2
1.45
0.22
3,000
---
15,000
90,000
SCM3216F
178
75
13
12.5
10
8
4
4
2
1.43
0.23
2,000
---
10,000
100,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com