Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR201G Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FR201G
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FR201G Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  FR201G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FR201G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLASS PASSIVATED FAST RECOVERY RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
50V-1000V
2.0A
2 of 2
FR201G-FR207G
RATING AND CHARACTERISTIC CURVES ( FR201G THRU FR207G )
trr
+0.5A
0
-0.25A
-1.0A
1cm
SET TIME BASE FOR
50/100 ns/cm
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50
NONINDUCTIVE
10
NONINDUCTIVE
D.U.T
25 Vdc
(approx)
( - )
( - )
( + )
( + )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10ns max. Source Impedance =
50 ohms.
FIG. 2 - TYPICAL FORWARD
AMBIENT TEMPERATURE, (
)
CURRENT DERATING CURVE
1.50
1.25
1.00
.75
.50
.25
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
Pulse Width = 300us
1% Duty Cycle
10
1.0
.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
TJ = 25
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
200
100
60
40
20
10
6
4
2
1
.1
.2 .4
1.0 2
4
10
20 40
100
TJ = 25
FIG. 5 - MAXIMUM NON-REPETITIVE
NUMBER OF CYCLES AT 60Hz
FORWARD SURGE CURRENT
12
4
6 8 10
20
40 6080100
60
40
50
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDED Method)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com