Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2F Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ES2F
Description  SURFACE MOUNT SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ES2F Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  ES2F Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ES2F Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-600V
2.0A
SURFACE MOUNT SUPER FAST RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
ES2A THRU ES2J
Features
For surface mount applications.
Glass passivated junction.
Low profile package.
Easy pick and place.
Built-in strain relief.
Superfast recovery times for
high efficiency.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Parameter
Device
Units
2A
2B
2C
2D
Peak Repetitive Reverse Voltage
50
100
150
200
V
Maximum RMS Voltage
35
70
105
140
V
DC Reverse Voltage
(Rated VR)
50
100
150
200
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 100
°C
10
350
µA
µA
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
20
nS
Maximum Forward Voltage @ 2.0 A
0.90
V
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
18
pF
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375 " lead length @ TA = 110
°C
2.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
50
A
PD
Total Device Dissipation
Derate above 25
°C
1.66
13.3
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient**
75
°C/W
RθJL
Thermal Resistance, Junction to Lead**
20
°C/W
Tstg
Storage Temperature Range
-50 to +150
°C
TJ
Operating Junction Temperature
-50 to +150
°C
These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Device mounted on FR-4 PCB 0.013 mm.


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SS5A EIC-SS5A Datasheet
41Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
super fast surface mount rectifiers
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
Surface Mount Super Fast Rectifiers
logo
ON Semiconductor
US2AA ONSEMI-US2AA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US1AFA ONSEMI-US1AFA Datasheet
204Kb / 5P
Super Fast Surface Mount Rectifiers
January, 2021 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com