Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR2M Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FR2M
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FR2M Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FR2M Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FR2M Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
2.0A
SURFACE MOUNT FAST RECOVERY RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
FR2A THRU FR2M
Features
• The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
• Fast switching for high efficiency
• Low reverse leakage
• High forward surge current capability
• For surface mounted applications
Mechanical Data
• Case: Molded plastic, DO-214AA (SMB).
• Terminals: Solder plated, solderable per
• MIL-STD-750, method 2026
• Polarity: Color band denotes cathode end
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
50.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=90 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
RqJA
CJ
TJ,TSTG
20.0
50.0
-65 to +150
pF
C
A
u
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FR2A FR2B
FR2D
FR2G FR2J
FR2K
FR2M
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000


Similar Part No. - FR2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR2M MCC-FR2M Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR2M DIOTEC-FR2M Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR2M SEMIKRON-FR2M Datasheet
117Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
FR2M DIOTEC-FR2M Datasheet
104Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR2M SEMIKRON-FR2M Datasheet
121Kb / 2P
Surface mount diode Fast silicon rectifier diodes
More results

Similar Description - FR2M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com