Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8528 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP8528
Description  Micropower Sampling 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8528 Datasheet(HTML) 3 Page - Sipex Corporation

  SP8528 Datasheet HTML 1Page - Sipex Corporation SP8528 Datasheet HTML 2Page - Sipex Corporation SP8528 Datasheet HTML 3Page - Sipex Corporation SP8528 Datasheet HTML 4Page - Sipex Corporation SP8528 Datasheet HTML 5Page - Sipex Corporation SP8528 Datasheet HTML 6Page - Sipex Corporation SP8528 Datasheet HTML 7Page - Sipex Corporation SP8528 Datasheet HTML 8Page - Sipex Corporation SP8528 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SP8528DS/01
SP8528 Micropower Sampling 12-Bit A/D Converter
© Copyright 2000 Sipex Corporation
3
SPECIFICATIONS (cont.)
Unless otherwise noted the following specifications apply for VCC=5V or 3.3V with limits applicable for Tmin to Tmax. Typical applies for Ta=25˚C.
VCC=5.0V
VCC=3.3V
PARAMETERS
MIN. TYP. MAX. MIN. TYP. MAX.
UNITS
CONDITIONS
DIGITAL INPUTS
Input Low Voltage, VIL
0.8
0.8
Volts
V
DD=5V +5%
Input High Voltage, VIH
2.0
2.0
Volts
V
DD=5V +5%
Input Current IIN
+2.0
+2.0
µA
Input Capacitance
3.0
3.0
pF
DIGITAL OUTPUTS
Data Format
Data Coding
See Timing Diagram
VOH
4.0
2.0
Volts
V
DD=5V ±5%, IOH=-0.4mA
VOL
0.4
0.4
Volts
V
DD=5V ±5%, IOL=+1.6mA
AC ACCURACY
Spurious free Dynamic
86
86
dB
For all FFT’s
Range (SFDR)
(Full Differential Mode)
If V
CC = 5V
fsample = 31.25kHz
fin = 15kHz
Total Harmonic Distortion (THD)
-83
-80
dB
Signal to Noise &
73
72
dB
If V
CC = 3.3V
Distortion (SINAD)
fsample = 20.8kHz
fin = 5kHz
Signal to Noise (SNR)
73.5
72.5
dB
SAMPLING DYNAMICS
Acquisition Time to 0.01%
2
3
3
4.5
µs
-3dB Small Signal BW
4
3
MHz
Aperture Delay
20
30
nS
Aperture Jitter
150
150
pS
Common-Mode Rejection Ratio
70
80
70
80
dB
f
CM = 15kHz @ 5 volts
2.8kHz @ 3.3 volts
POWER SUPPLIES
Volts
V
CC
+3.0 +5.0 +5.5 +3.0 +3.3 +5.5
I
CC
Operation Mode
230
400
80
300
µA
(CS=0) 33.2kHz, 5V conversion
rate. 22.2kHz 3.3 volts
Shutdown Mode
.001
0.5
.001
0.5
µA
(CS=1)
Power Dissipation
Operating Mode
1.15
2
0.26 0.99
mW
Shutdown Mode
.005
10
.003
6.6
µW
TEMPERATURE RANGE
Commercial
0˚ to +70˚C
0˚ to +70˚C
˚C
Industrial
-40˚ to +85˚C
-40˚ to +85˚C
˚C
Storage
-65˚ to +150˚C
-65˚ to +150˚C
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com