Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1D Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # S1D
Description  SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

S1D Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  S1D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd S1D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNTGENERAL PURPOSE RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
50V-1000V
1.0A
2 of 2
S1A THRU S1M
0
0.2
0.4
0.6
0.8
1.0
40
60
80
100
120
140
160 180
T , LEAD TEMPERATURE
( C )
Fig. 1 Forward Current Derating Curve
L
°
Resistive or
inductive load
0.4
0.01
0.1
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
1.0
T = 25 C
PULSE WIDTH= 300 s
2% DUTY CYCLE
j
°
µ
0
0.8
1.2
1.6
TJ=125 C
0.001
0.1
0.01
PERCENT OF RATED PEAK REVERSE
VOLTS,%
1
C
60
20
40
0100
80
TJ=25
TJ=75 C
10
100
FIG.3-TYPICAL REVERSE
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
1
10
100
10
100
TL=110 C
8.3ms Single half Sine Wave
(JEDEC Method)
S1(A.J)
S1(K.M)
FIG.4- PEAK FORWARD SURGE CURRENT
100
10
REVERSE VOLTAGE, V
0.01
1
0.1
1
10
100
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
t, PULSE DURATION
0.01
1
10
0.1
1
10
100
100
1000
S1(A.J)
S1(K.M)
FIG.6- TRANSIENT THERMAL
IMPEDANCE
FIG.5- TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com