Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8537 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP8537
Description  Micropower Sampling 10-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8537 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP8537 Datasheet HTML 4Page - Sipex Corporation SP8537 Datasheet HTML 5Page - Sipex Corporation SP8537 Datasheet HTML 6Page - Sipex Corporation SP8537 Datasheet HTML 7Page - Sipex Corporation SP8537 Datasheet HTML 8Page - Sipex Corporation SP8537 Datasheet HTML 9Page - Sipex Corporation SP8537 Datasheet HTML 10Page - Sipex Corporation SP8537 Datasheet HTML 11Page - Sipex Corporation SP8537 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
SP8537DS/03
SP8537 Micropower Sampling 10–Bit Voltage A/D Converter
© Copyright 2000 Sipex Corporation
ORDERING INFORMATION
Model ........................................................ Linearity (LSB) ..................... Temperature Range ............................................................... Package
SP8537BN ..........................................................
±1.0 .................................... –40˚C to +85˚C .............................................. 8-pin, 0.3" Plastic DIP
SP8537KN ..........................................................
±1.0 ..................................... –0˚C to +70˚C ............................................... 8-pin, 0.3" Plastic DIP
SP8537BS ..........................................................
±1.0 .................................... –40˚C to +85˚C ......................................... 8-pin, 0.15" Plastic SOIC
SP8537KS ..........................................................
±1.0 ..................................... –0˚C to +70˚C .......................................... 8-pin, 0.15" Plastic SOIC
The information furnished herein by Sipex has been carefully reviewed for accuracy and reliability. Its application or use, however, is solely the responsibility of the
user. No responsibility for use of this information is assumed by Sipex, and this information shall not explicitly or implicitly become part of the terms and conditions
of any subsequent sales agreement with Sipex.
By the sale or transfer of this information, Sipex assumes no responsibility for any infringement of patents or other rights of third parties which may result from its
use. No license or other proprietary rights are granted by implication or otherwise under any patent or patent rights of Sipex Corporation.
Life Support Policy: Sipex Corporation does not authorize or warrant any Sipex product for use in life support devices and/or systems without the express written
approval of the President of Sipex Corporation. Life support devices or systems are devices which:
- are intended for surgical implant into the body or
- are intended to support or sustain life, and whose failure to perform, when properly used in accordance with instructions
for use provided in the appropriate documentation can be reasonably expected to result in significant injury to the user.
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com