Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9500 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP9500
Description  12-Bit, Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9500 Datasheet(HTML) 2 Page - Sipex Corporation

  SP9500 Datasheet HTML 1Page - Sipex Corporation SP9500 Datasheet HTML 2Page - Sipex Corporation SP9500 Datasheet HTML 3Page - Sipex Corporation SP9500 Datasheet HTML 4Page - Sipex Corporation SP9500 Datasheet HTML 5Page - Sipex Corporation SP9500 Datasheet HTML 6Page - Sipex Corporation SP9500 Datasheet HTML 7Page - Sipex Corporation SP9500 Datasheet HTML 8Page - Sipex Corporation SP9500 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SP9500DS/04
SP9500 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
DD - DGND .................................................................. -0.3V,+6.0V
V
REF ................................................................................ DGND, VDD
AGND .......................................................................... DGND, V
REF
D
IN .................................................................................. DGND, VDD
Power Dissipation
Plastic DIP .......................................................................... 375mW
(derate 7mW/
°C above +70°C)
Small Outline ...................................................................... 375mW
(derate 7mW/˚C above +70˚C)
SPECIFICATIONS
(Typical at 25˚C; T
MIN ≤ TA ≤ TMAX; VDD = +5V, DGND = 0V, VREF = +3.5V; AGND = +1.5V; CMOS logic level digital inputs; specifications apply to all grades unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DIGITAL INPUTS
Logic Levels
V
IH
2.4
Volts
V
IL
0.8
Volts
2 Quad, Input Coding
Binary
REFERENCE INPUTS
Note 5
V
REF Voltage Range
0.5
4.5
Volts
AGND Voltage Range
0.5
4.5
Volts
Input Resistance
11
13.9
k
Ω
D
IN = 1365; code dependent
ANALOG OUTPUT
Gain
–B, –K
±0.5
±2.0
LSB
Note 3
–A, –J
±1.0
±4.0
LSB
Note 3
±1.0
±5.0
LSB
V
REF = 4.5V; AGND = 0.5V
Initial Offset Bipolar
±0.25
±3.0
LSB
D
IN = 0
Voltage Range
0.5
4.5
Volts
Output Current
±1.0
mA
STATIC PERFORMANCE
Resolution
12
Bits
Integral Linearity
–B, –K
±0.25
±0.5
LSB
Note 3
–A, –J
±0.5
±1.0
LSB
Note 3
±0.5
LSB
V
REF = 4.5V; AGND = 0.5V
Differential Linearity
–B, –K
±0.25
±0.75
LSB
–A, –J
±0.25
±1.0
LSB
Monotonicity
Guaranteed
DYNAMIC PERFORMANCE
Settling Time
Small Signal
1
µs
to 0.012%
Full Scale
7.5
µs
to 0.012%, V
OUT = 0.5 to 4.5V
Slew Rate
0.6
V/
µs
Multiplying Bandwidth
1.4
MHz
STABILITY
Gain
15
ppm/˚C
t
MIN to tMAX
Scale Zero
15
ppm/˚C
t
MIN to tMAX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com