Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAG3110FCR2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MAG3110FCR2
Description  Three-Axis, Digital Magnetometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110FCR2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MAG3110FCR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MAG3110
Sensors
Freescale Semiconductor, Inc.
13
5
Register Descriptions
Table 9. Register Address Map
Name
Type
Register
Address
Auto-Increment
Address (Fast Read)(1)
1. Fast Read mode for quickly reading the Most Significant Bytes (MSB) of the sampled data.
Default Value
Comment
DR_STATUS(2)
2. Register contents are preserved when transitioning from “ACTIVE” to “STANDBY” mode.
R
0x00
0x01
0000 0000
Data ready status per axis
OUT_X_MSB(2)
R
0x01
0x02 (0x03)
data
Bits [15:8] of X measurement
OUT_X_LSB(2)
R
0x02
0x03
data
Bits [7:0] of X measurement
OUT_Y_MSB(2)
R
0x03
0x04 (0x05)
data
Bits [15:8] of Y measurement
OUT_Y_LSB(2)
R
0x04
0x05
data
Bits [7:0] of Y measurement
OUT_Z_MSB(2)
R
0x05
0x06 (0x07)
data
Bits [15:8] of Z measurement
OUT_Z_LSB(2)
R
0x06
0x07
data
Bits [7:0] of Z measurement
WHO_AM_I(2)
R
0x07
0x08
0xC4
Device ID Number
SYSMOD(2)
R
0x08
0x09
data
Current System Mode
OFF_X_MSB
R/W
0X09
0x0A
0000 0000
Bits [14:7] of user X offset
OFF_X_LSB
R/W
0X0A
0X0B
0000 0000
Bits [6:0] of user X offset
OFF_Y_MSB
R/W
0X0B
0X0C
0000 0000
Bits [14:7] of user Y offset
OFF_Y_LSB
R/W
0X0C
0X0D
0000 0000
Bits [6:0] of user Y offset
OFF_Z_MSB
R/W
0X0D
0X0E
0000 0000
Bits [14:7] of user Z offset
OFF_Z_LSB
R/W
0X0E
0X0F
0000 0000
Bits [6:0] of user Z offset
DIE_TEMP(2)
R
0X0F
0X10
data
Temperature, signed 8 bits in °C
CTRL_REG1(3)
3. Modification of this register’s contents can only occur when device is “STANDBY” mode, except the TM and AC bit fields in CTRL_REG1
register
.
R/W
0X10
0X11
0000 0000
Operation modes
CTRL_REG2(3)
R/W
0X11
0x12
0000 0000
Operation modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com