Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8542JS Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP8542JS
Description  Two and Four Channel 12-Bit Multiplexed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8542JS Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP8542JS Datasheet HTML 8Page - Sipex Corporation SP8542JS Datasheet HTML 9Page - Sipex Corporation SP8542JS Datasheet HTML 10Page - Sipex Corporation SP8542JS Datasheet HTML 11Page - Sipex Corporation SP8542JS Datasheet HTML 12Page - Sipex Corporation SP8542JS Datasheet HTML 13Page - Sipex Corporation SP8542JS Datasheet HTML 14Page - Sipex Corporation SP8542JS Datasheet HTML 15Page - Sipex Corporation SP8542JS Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
© Copyright 2000 Sipex Corporation
16
ORDERING INFORMATION
Model ..................................................... INL Linearity (LSB) ............................. Temperature Range ..................................... Package Types
SP8542JN ...........................................................
±1.0 ................................................ 0˚C to +70˚C ................................. 16-pin, 0.3" Plastic DIP
SP8542JS ...........................................................
±1.0 ................................................ 0˚C to +70˚C .......................................... 16-pin, 0.3" SOIC
SP8542KN .........................................................
±0.75 ............................................... 0˚C to +70˚C ................................. 16-pin, 0.3" Plastic DIP
SP8542KS .........................................................
±0.75 ............................................... 0˚C to +70˚C .......................................... 16-pin, 0.3" SOIC
SP8542AN ..........................................................
±1.0 ............................................... -40˚C to +85˚C ............................... 16-pin, 0.3" Plastic DIP
SP8542AS ..........................................................
±1.0 ............................................... -40˚C to +85˚C ........................................ 16-pin, 0.3" SOIC
SP8542BN .........................................................
±0.75 .............................................. -40˚C to +85˚C ............................... 16-pin, 0.3" Plastic DIP
SP8542BS .........................................................
±0.75 .............................................. -40˚C to +85˚C ........................................ 16-pin, 0.3" SOIC
Model ..................................................... INL Linearity (LSB) ............................. Temperature Range ..................................... Package Types
SP8544JN ...........................................................
±1.0 ................................................ 0˚C to +70˚C ................................. 18-pin, 0.3" Plastic DIP
SP8544JS ...........................................................
±1.0 ................................................ 0˚C to +70˚C .......................................... 18-pin, 0.3" SOIC
SP8544KN .........................................................
±0.75 ............................................... 0˚C to +70˚C ................................. 18-pin, 0.3" Plastic DIP
SP8544KS .........................................................
±0.75 ............................................... 0˚C to +70˚C .......................................... 18-pin, 0.3" SOIC
SP8544AN ..........................................................
±1.0 ............................................... -40˚C to +85˚C ............................... 18-pin, 0.3" Plastic DIP
SP8544AS ..........................................................
±1.0 ............................................... -40˚C to +85˚C ........................................ 18-pin, 0.3" SOIC
SP8544BN .........................................................
±0.75 .............................................. -40˚C to +85˚C ............................... 18-pin, 0.3" Plastic DIP
SP8544BS .........................................................
±0.75 .............................................. -40˚C to +85˚C ........................................ 18-pin, 0.3" SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com