Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9600 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9600
Description  12-Bit, Low Power Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9600 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9600 Datasheet HTML 1Page - Sipex Corporation SP9600 Datasheet HTML 2Page - Sipex Corporation SP9600 Datasheet HTML 3Page - Sipex Corporation SP9600 Datasheet HTML 4Page - Sipex Corporation SP9600 Datasheet HTML 5Page - Sipex Corporation SP9600 Datasheet HTML 6Page - Sipex Corporation SP9600 Datasheet HTML 7Page - Sipex Corporation SP9600 Datasheet HTML 8Page - Sipex Corporation SP9600 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SP9600DS/04
SP9600 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
5
VOUT
VREF
DAC
12
1
SHIFT
REGISTER
DIN
–
+
–
+
DIN
VREF
VOUT
VDAC
VOUT
VDAC
VDAC
DIN
WHERE…
=
=
4096
x (VREF - AGND) + AGND
()
LATCH
12
AGND
AGND
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
Figure 1. Detailed Block Diagram
USING THE SP9600
External Reference
The R-2R DAC input resistance is code depen-
dent and is minimum (11k
Ω) at code 1365 and
2731. And, it is nearly infinite at code 0. Because
of the code-dependent nature of the reference
inputs, a high quality, low output impedance
amplifier should be used to drive the V
REF and
AGND inputs.
Serial Clock and Update Rate
The SP9600 maximum serial clock rate (SCLK)
is given by 1/(t
CH+tCL) which is approximately
12.5 MHz. The digital word update rate is limited
by the chip select period, which is 12 X SCLK
Figure 2. Transfer Function
periods plus the CS high pulse width t
CSW. This
is equal to a 1
µs or 1 MHz update rate. However,
the DAC settling time to 12–Bits is 20
µs, which
for full scale output transitions would limit the
update rate to 50 kHz.
Logic Interface
The SP9600 is designed to be compatible with
TTL and CMOS logic levels. However, driving
the digital inputs with TTL level signals will
increase the power consumption of the part by
300
µA. In order to achieve the lowest power
consumption use rail-to-rail CMOS levels to
drive the digital inputs.
+0.5 lsb
DNLE
-0.5 lsb
+0.5 lsb
INLE
-0.5 lsb
0
CODE
4095
DNLE, INLE Plots



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com