Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

908E626 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 908E626
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E626 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 908E626 Datasheet HTML 17Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 18Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 19Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 20Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 21Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 22Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 23Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 24Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
908E626
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 10. Internal Reset Routing
RESET INTERNAL SOURCES
Autonomous Watchdog
AWD modules generates a reset because of a timeout
(watchdog function).
High Temperature Reset
To prevent damage to the device, a reset will be initiated if
the temperature rises above a certain value. The reset is
maskable with bit HTRE in the Reset Mask Register. After a
reset the high temperature reset is disabled.
Low Voltage Reset
The LVR is related to the internal VDD. In case the voltage
falls below a certain threshold, it will pull down the RST_A pin.
High Voltage Reset
The HVR is related to the external VSUP voltage. In case
the voltage is above a certain threshold, it will pull down the
RST_A
pin. The reset is maskable with bit HVRE in the Reset
Mask Register. After a reset the high voltage reset is
disabled.
RESET EXTERNAL SOURCE
External Reset Pin
The microcontroller has the capability of resetting the
SMARTMOS device by pulling down the RST pin.
Reset Mask Register (RMR)
TTEST—High Temperature Reset Test
This read/write bit is for test purposes only. It decreases
the over-temperature shutdown limit for final test. Reset
clears the HTRE bit.
• 1 = Low temperature threshold enabled.
• 0 = Low temperature threshold disabled.
HVRE—High Voltage Reset Enable Bit
This read/write bit enables resets on high voltage
conditions. Reset clears the HVRE bit.
• 1 = High voltage reset enabled.
• 0 = High voltage reset disabled.
HTRE—High Temperature Reset Enable Bit
This read/write bit enables resets on high temperature
conditions. Reset clears the HTRE bit.
• 1 = High temperature reset enabled.
• 0 = High temperature reset disabled.
HTRE Flag
HVRE Flag
AWDRE Flag
AWD Reset
Sensor
High-Voltage
Reset Sensor
High-Temperature
Reset Sensor
MONO
FLOP
Low-Voltage Reset
VDD
RST_A
SPI REGISTERS
Register Name and Address: RMR - $06
Bit7
6
5
4
3
2
1
Bit0
Read
TTEST
0
0
0
0
0
HVRE
HTRE
Write
Reset
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com