Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP706REU Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP706REU
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP706REU Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP706REU Datasheet HTML 9Page - Sipex Corporation SP706REU Datasheet HTML 10Page - Sipex Corporation SP706REU Datasheet HTML 11Page - Sipex Corporation SP706REU Datasheet HTML 12Page - Sipex Corporation SP706REU Datasheet HTML 13Page - Sipex Corporation SP706REU Datasheet HTML 14Page - Sipex Corporation SP706REU Datasheet HTML 15Page - Sipex Corporation SP706REU Datasheet HTML 16Page - Sipex Corporation SP706REU Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
output is driven HIGH and the
µP wants to pull
it LOW, indeterminate logic levels may result.
To correct this, connect a 4.7k
Ω resistor
between the RESET output and the
µP reset
I/O, as shown if Figure 19.
Buffer the
RESET output to other system components.
Negative-Going V
CC Transients
While issuing resets to the
µP during power-up,
power-down, and brownout conditions, these
supervisors are relatively immune to short-
duration negative-going V
CC transients (glitches).
It is usually undesirable to reset the
µP when V
CC
experiences only small glitches.
Figure 20 shows maximum transient dura-
tion vs. reset-comparator overdrive, for which
reset pulses are not generated. The data was gen-
erated using negative-going V
CC pulses, starting
at 3.3V and ending below the reset threshold by
Figure 18. Monitoring a Negative Voltage Supply
Figure 19. Interfacing to Microprocessors with
Bidirectional RESET I/O for the SP706
PFI
PFO
R2
R1
VCC
+3.3V/+3.0V
GND
PFO
V-
+3.3V
VTRIP
0V
0V
VCC - 1.25
R1
1.25 - VTRIP
R2
V-
=
100k
Ω
100k
Ω
RESET
to
µP
2N3904
, VTRIP < 0
V-
MR
0V
+3.3V
MR
the magnitude indicated (reset comparator over-
drive). The graph shows the maximum pulse
width a negative-going V
CC
transient may
typically have without causing a reset pulse to
be issued. As the amplitude of the transient
increases (i.e. goes farther below the reset
threshold), the maximum allowable pulse width
decreases. Typically, a V
CC transient that goes
100mV below the reset threshold and lasts for
40
µs or less will not cause a reset pulse to be
issued. A 100nF bypass capacitor mounted close
to the V
CC pin provides additional transient
immunity.
Applications
The SP706P/R/S/T-SP708R/S/T series offers
unmatched performance and the lowest power
consumption for these industry standard de-
vices. Refer to Figures 21 and 22 for supply
current performance characteristics rated against
temperature and supply voltages.
VCC
+3.3V/+3.0V
GND
VCC
+3.3V/+3.0V
GND
RESET
RESET
4.7K
Ω
µP
Buffered RESET connects to System Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com