Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8544JN Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP8544JN
Description  Two and Four Channel 12-Bit Multiplexed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8544JN Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP8544JN Datasheet HTML 5Page - Sipex Corporation SP8544JN Datasheet HTML 6Page - Sipex Corporation SP8544JN Datasheet HTML 7Page - Sipex Corporation SP8544JN Datasheet HTML 8Page - Sipex Corporation SP8544JN Datasheet HTML 9Page - Sipex Corporation SP8544JN Datasheet HTML 10Page - Sipex Corporation SP8544JN Datasheet HTML 11Page - Sipex Corporation SP8544JN Datasheet HTML 12Page - Sipex Corporation SP8544JN Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
© Copyright 2000 Sipex Corporation
9
TIMING CHARACTERISTICS
(Typical @ 25
°C with V
DD = +5V, unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
COND.
Thoughput Time (tTP=tA+tC)
4.25
µs
Acquisition Time (tA) (2 SCLK Periods)
400
500
ns
Conversion Time (tC) (15 SCLK Periods)
3.75
µs
SCLKLow Pulse Width (tSKL)
110
125
ns
SCLK High Pulse Width (tSKH)
110
125
ns
SCLK Period (tSKT)
250
ns
Setup Time DIN to SCLK Rising (tDISU)
0
ns
Hold Time from SCLK Rising to DIN (tDIH).
5
ns
Buss Relinquish Time (tBR)
45
ns
Setup Time -SCLK Falling to CSN Falling (tCSSU)
10
ns
CSN Low Before SCLK Rises (tCS)
90
ns
SCLK Falling to Data Valid (tSD)
50
ns
CSN Falling to STATUS Rising (tDCS)
69
ns
SCLK 17Falling to Status Rising Free Run (tDSS)
70
ns
SCLK16 Falling to Status Falling ( tDSE)
45
ns
Delay SD Low to initiate Conversion (t
PU)5
µs
Aperture Delay Slave-Mode (tAPC)
30
ns
Aperture Delay Free-Running Mode (tAPS)
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com