Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8451Q Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit 8-bit Digital Accelerometer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q_12 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8451Q_12 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
MMA8451Q
Sensors
Freescale Semiconductor, Inc.
21
ZYXOW is set whenever a new acceleration data is produced before completing the retrieval of the previous set. This event
occurs when the content of at least one acceleration data register (i.e., OUT_X, OUT_Y, OUT_Z) has been overwritten. ZYXOW
is cleared when the high-bytes of the acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) of all the active channels are
read.
ZOW is set whenever a new acceleration sample related to the Z-axis is generated before the retrieval of the previous sample.
When this occurs the previous sample is overwritten. ZOW is cleared anytime OUT_Z_MSB register is read.
YOW is set whenever a new acceleration sample related to the Y-axis is generated before the retrieval of the previous sample.
When this occurs the previous sample is overwritten. YOW is cleared anytime OUT_Y_MSB register is read.
XOW is set whenever a new acceleration sample related to the X-axis is generated before the retrieval of the previous sample.
When this occurs the previous sample is overwritten. XOW is cleared anytime OUT_X_MSB register is read.
ZYXDR signals that a new sample for any of the enabled channels is available. ZYXDR is cleared when the high-bytes of the
acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) of all the enabled channels are read.
ZDR is set whenever a new acceleration sample related to the Z-axis is generated. ZDR is cleared anytime OUT_Z_MSB register
is read.
YDR is set whenever a new acceleration sample related to the Y-axis is generated. YDR is cleared anytime OUT_Y_MSB register
is read.
XDR is set whenever a new acceleration sample related to the X-axis is generated. XDR is cleared anytime OUT_X_MSB register
is read.
Table 13. STATUS Description
ZYXOW
X, Y, Z-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous X, Y, or Z data was overwritten by new X, Y, or Z data before it was read
ZOW
Z-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous Z-axis data was overwritten by new Z-axis data before it was read
YOW
Y-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous Y-axis data was overwritten by new Y-axis data before it was read
XOW
X-axis Data Overwrite. Default value: 0
0: No data overwrite has occurred
1: Previous X-axis data was overwritten by new X-axis data before it was read
ZYXDR
X, Y, Z-axis new Data Ready. Default value: 0
0: No new set of data ready
1: A new set of data is ready
ZDR
Z-axis new Data Available. Default value: 0
0: No new Z-axis data is ready
1: A new Z-axis data is ready
YDR
Y-axis new Data Available. Default value: 0
0: No new Y-axis data ready
1: A new Y-axis data is ready
XDR
X-axis new Data Available. Default value: 0
0: No new X-axis data ready
1: A new X-axis data is ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com