Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9501BS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP9501BS
Description  12-Bit, Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9501BS Datasheet(HTML) 4 Page - Sipex Corporation

  SP9501BS Datasheet HTML 1Page - Sipex Corporation SP9501BS Datasheet HTML 2Page - Sipex Corporation SP9501BS Datasheet HTML 3Page - Sipex Corporation SP9501BS Datasheet HTML 4Page - Sipex Corporation SP9501BS Datasheet HTML 5Page - Sipex Corporation SP9501BS Datasheet HTML 6Page - Sipex Corporation SP9501BS Datasheet HTML 7Page - Sipex Corporation SP9501BS Datasheet HTML 8Page - Sipex Corporation SP9501BS Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SP9501DS/02
SP9501 12-Bit, Low-Power Voltage Output
© Copyright 2000 Sipex Corporation
4
THEORY OF OPERATION
The SP9501 consists of four main functional
blocks – the input shift register, DAC register,
12-Bit D/A converter and a bipolar output volt-
age amplifier, Figure 1.
The input shift register is used to convert the
serial input data stream to a parallel 12–Bit
digital word. The input data is shifted on posi-
tive clock (SCLK) edges when the Chip Select
(CS) signal is in the “low” state. The MSB is
loaded first and LSB last. No shifting of the
input data occurs when the Chip Select (CS)
signal is in the “high” state.
The DAC register is used to store the digital
word which is sent to the DAC. Its value is
updated on the positive transition of the Chip
Select (CS) signal.
In order to reduce the DAC full scale output
sensitivity to the large weighting of the MSB's
found in conventional R-2R resistor ladders, the
3 MSB's are decoded into 8 equally weighted
levels. This reduces the contribution of each bit
by a factor of 4, thus, reducing the output sensi-
tivity to mismatches in resistors and switches by
the same amount. Linearity errors and stability
are both improved for the same reasons.
The DAC itself is implemented with precision
thin-film resistors and CMOS transmission gate
switches. The resistor network is laser-trimmed
to achieve better than 12–Bit accuracy. The D/
A converter is used to convert the 12-bit input
word to a precision voltage.
Table 1. Offset Binary Coding
2 V
REF
2 12
INPUT
OUTPUT
MSB
LSB
1111
1111
1111
V
REF
- 1 LSB
1111
1111
1110
V
REF
- 2 LSB
1000
0000
0001
0 + 1 LSB
1000
0000
0000
0
0000
0000
0001
-V
REF + 1 LSB
0000
0000
0000
-V
REF
1 LSB =
FEATURES...
The SP9501 is a low power 12–Bit Digital-to-
Analog Converter. The converter features
±4.5V
output swings with
±5V supplies. The input
coding format used is standard offset binary,
Table 1.
This Digital-to Analog Converter uses a stan-
dard 3–wire interface compatible with SPI™,
QSPI™ and Microwire™. The output settling
time is specified at 4
µs to full 12-bit accuracy
when driving a 5K
Ω, 50pF load combination.
The SP9501 Digital-to-Analog Converter is
ideally suited for applications such as ATE,
process controllers, robotics and instrumenta-
tion. The SP9501 is available in an 8-pin 0.15"
SOIC and 0.3" PDIP packages, specified over
commercial and industrial temperature ranges.
VOUT
1
2
3
4
8
7
6
5
VDD
DIN
VREF
VSS
CS
GND
SCLK
SP9501
PINOUT – 8-PIN PLSTIC DIP & SOIC
PIN ASSIGNMENTS
Pin 1- V
OUT
- Voltage Output.
Pin 2- V
DD - +5V Power Supply Input.
Pin 3- SCLK - Serial Clock Input.
Pin 4- D
IN - Serial Data Input.
Pin 5- CS - Chip Select Input.
Pin 6 - V
SS - –5V Power Supply Input.
Pin 7- GND - Ground.
Pin 8- V
REF - Reference Input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com