Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8544AS Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP8544AS
Description  Two and Four Channel 12-Bit Multiplexed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8544AS Datasheet(HTML) 5 Page - Sipex Corporation

  SP8544AS Datasheet HTML 1Page - Sipex Corporation SP8544AS Datasheet HTML 2Page - Sipex Corporation SP8544AS Datasheet HTML 3Page - Sipex Corporation SP8544AS Datasheet HTML 4Page - Sipex Corporation SP8544AS Datasheet HTML 5Page - Sipex Corporation SP8544AS Datasheet HTML 6Page - Sipex Corporation SP8544AS Datasheet HTML 7Page - Sipex Corporation SP8544AS Datasheet HTML 8Page - Sipex Corporation SP8544AS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
© Copyright 2000 Sipex Corporation
5
SP8542 PIN ASSIGNMENTS
Pin 1-N.C.-No Connection
Pin 2-CH0-Analog Mux Input 0
Pin 3-CH1-Analog Mux Input 1
Pin 4-AGND-Analog Ground
Pin 5-VSS Digital Ground
Pin 6-SCLK-Serial Clock Input
Pin 7-DOUT Digital Data Output
Pin 8-DIN Mux Channel Selection Input
Pin 9-Status
Pin 10-CS-Chip Select Bar Input, High
Deselects chip, Low Selects chip
Pin 11-SD-Shutdown Input, logic low = power
up, logic high = powerdown
Pin 12-VDD Digital +5V supply
Pin 13-VDA Analog +5V supply
Pin 14-OffADJ External Offset Adjust
Pin 15-Refout-Voltage Reference Output
Pin 16-GAINADJ-External Gain Adjustment
GAIN ADJUST
REF OUT
OFFSET ADJ.
VDA
VDD
SD
CS
STATUS
1
2
3
4
5
6
7
8
N.C.
CH0
CH1
AGND
VSS
SCLK
DOUT
DIN
16
15
14
13
12
11
10
9
SP8542
SP8544 PIN ASSIGNMENTS
Pin 1-N.C.-No Connection
Pin 2-CH0-Analog Mux Input 0
Pin 3-CH1-Analog Mux Input 1
Pin 4-CH2-Analog Mux Input 2
Pin 5-CH3-Analog Mux Input 3
Pin 6-AGND-Analog Ground
Pin 7-VSS Digital Ground
Pin 8-SCLK-Serial Clock Input
Pin 9-DOUT Digital Data Output
Pin 10-DIN Mux Channel Selection Input
Pin 11-Status
Pin 12-CS-Chip Select Bar Input, High
Deselects chip, Low Selects chip
Pin 13-SD-Shutdown Input, logic low = power
up, logic high = powerdown
Pin 14-VDD Digital +5V supply
Pin 15-VDA Analog +5V supply
Pin 16-OffADJ External Offset Adjust
Pin 17-Refout-Voltage Reference Output
Pin 18-GAINADJ-External Gain Adjustment
GAIN ADJUST
REF OUT
OFFSET ADJ.
VDA
VDD
SD
CS
STATUS
DIN
1
2
3
4
5
6
7
8
N.C.
CH0
CH1
CH2
CH3
AGND
VSS
SCLK
DOUT
9
18
17
16
15
14
13
12
11
10
SP8544
SP 8542 Channel Selection
Truth Table
MA0
Channel Selection
0
CH0
1
CH1
SP 8544 Channel Selection
Truth Table
MA1
MA0
Channel Selection
0
0
CH0
0
1
CH1
1
0
CH2
1
1
CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com