Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF2MLQ8 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # SPC5643LF2MLQ8
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF2MLQ8 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF2MLQ8 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 136 page
background image
NOTE
None of system pins (except RESET) provides an open drain output.
2.4
Pin muxing
Table 7 defines the pin list and muxing for this device.
Each entry of Table 7 shows all the possible configurations for each pin, via the alternate functions. The default function assigned to each pin after reset is
indicated by ALT0.
NOTE
Pins labeled “NC” are to be left unconnected. Any connection to an external circuit or voltage may cause unpredictable
device behavior or damage.
Pins labeled “Reserved” are to be tied to ground. Not doing so may cause unpredictable device behavior.
TCK2
JTAG clock
Input only
88
L15
JCOMP5
JTAG compliance select
Input only
123
C10
Reset pin
RESET
Bidirectional reset with Schmitt-Trigger characteristics and noise filter.
This pin has medium drive strength. Output drive is open drain and
must be terminated by an external resistor of value 1KOhm.6
Bidirectional
31
P2
Test pin
VPP TEST
Pin for testing purpose only. To be tied to ground in normal
operating mode.
107
D15
1 This pad is configured for Fast (F) pad speed.
2 This pad contains a weak pull-up.
3 EXTAL is an "Output" in "crystal" mode, and is an "Input" in "ext clock" mode.
4 In XOSC Bypass Mode, the analog portion of crystal oscillator (amplifier) is disabled. An external clock can be applied
at EXTAL as an input. In XOSC Normal Mode, EXTAL is an output
5 This pad contains a weak pull-down.
6 RESET output shall be considered valid only after the 3.3V supply reaches its stable value.
Table 6. System pins (continued)
Symbol
Description
Direction
Pin #
144
pkg
257
pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com