Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LF2MLQ8 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc

Part # SPC5643LF2MLQ8
Description  Qorivva Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF2MLQ8 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF2MLQ8 Datasheet HTML 122Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 123Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 124Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 126Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 127Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 128Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 129Page - Freescale Semiconductor, Inc SPC5643LF2MLQ8 Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Ordering information
Freescale Semiconductor
126
5
Ordering information
Figure 43. Commercial product code structure
Table 40. Orderable part number summary
Part number1
Flash/SRAM
Package
Speed
(MHz)2
Other features
SPC5643LFF2MLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–125
C
SPC5643LFF2MMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–125
C
SPC5643LF2MLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
No FlexRay
–40–125
C
SPC5643LF2MMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
No FlexRay
–40–125
C
SPC5643LFF2VLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
FlexRay
–40–105
C
SPC5643LFF2VMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
FlexRay
–40–105
C
SPC5643LF2VLQ1
1 MB/128 KB
144 LQFP (Pb free)
120
No FlexRay
–40–105
C
SPC5643LF2VMM1
1 MB/128 KB
257 MAPBGA (Pb free)
120
No FlexRay
–40–105
C
SPC5643LFF2MLQ8
1 MB/128 KB
144 LQFP (Pb free)
80
FlexRay
–40–125
C
SPC5643LFF2MMM8
1 MB/128 KB
257 MAPBGA (Pb free)
80
FlexRay
–40–125
C
5643L
MPC
F
LQ 1
Note: Not all options are available on all devices. See Table 40.
F2
Qualification status
Core code (Power Architecture)
Device number
F=FlexRay
Fab and mask identifier
Package identifier
Tape and reel status
Temperature range
M = –40 °C to 125 °C
Package identifier
LQ = 144 LQFP
Operating frequency
1= 120 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
(blank) = No FlexRay
M
Temperature range
V = –40 °C to 105 °C
MM = 257 MAPBGA
R
Operating frequency
8= 80 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com