Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP804SCN Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP804SCN
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804SCN Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP804SCN Datasheet HTML 11Page - Sipex Corporation SP804SCN Datasheet HTML 12Page - Sipex Corporation SP804SCN Datasheet HTML 13Page - Sipex Corporation SP804SCN Datasheet HTML 14Page - Sipex Corporation SP804SCN Datasheet HTML 15Page - Sipex Corporation SP804SCN Datasheet HTML 16Page - Sipex Corporation SP804SCN Datasheet HTML 17Page - Sipex Corporation SP804SCN Datasheet HTML 18Page - Sipex Corporation SP804SCN Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
Connecting an ordinary signal diode in series
with R3, as in Figure 22B, causes the lower trip
point (V
L) to coincide with the trip point without
hysteresis (V
TRIP), so the entire hysteresis
window occurs above V
TRIP. This method pro-
vides additional noise margin without compro-
mising the accuracy of the power-fail threshold
when the monitored voltage is falling. It is
useful for accurately detecting when a voltage
falls past a threshold.
Figure 22A. Adding Additional Hysteresis to the Power-Fail Comparator.
Figure 22B. Shifting the Additional Hysteresis above V
PFT
The current through R1 and R2 should be at least
1
µA to ensure that the 25nA (max over extended
temperature range) PFI input current does not
shift the trip point. R3 should be larger than
10k
Ω so it does not load down the PFO pin.
Capacitor C1 adds additional noise rejection.
Figure 23. Using the Power-Fail Comparator to Monitor an Additional Power Supply
V
IN
R1
R2
+
R3
TO
µP
PFI
PFO
GND
V
CC
SP690T/S/R
SP802T/S/R
SP804T/S/R
SP805T/S/R
PFO
0V
0V
V
L
V
TRIP
V
H
V
IN
V
IN
R1
R2
+
R3
TO
µP
PFI
PFO
GND
V
CC
SP690T/S/R
SP802T/S/R
SP804T/S/R
SP805T/S/R
PFO
0V
0V
V
TRIP
V
H
V
IN
*OPTIONAL
V
TRIP = VPFT
V
H =
V
L = R1
WHERE V
PFT = 1.25V
V
PFH = 10mV
R1 + R2
R2
(
)
V
PFT + VPFH
(
) R1
( ) 1 + 1 + 1
R1
R2
R3
(
)
V
PFT
[ (1 + 1 + 1
R1
R2
R3
)- VCC
R3
]
V
TRIP = VPFT
V
L = R1
WHERE V
PFT = 1.25V
V
PFH = 10mV
V
D = DIOD FORWARD VOLTAGE DROP
R1 + R2
R2
(
)
V
PFT
+ VPFH
[
(1 + 1 + 1
R1
R2
R3
)- (VCC -VD)
R3
]
(
)
*C1
*C1
R1
R2
V-
PFI
PFO
GND
V
CC
SP690T/S/R
SP802T/S/R
SP804T/S/R
SP805T/S/R
PFO
V
L
V
TRIP
V-
V
IN
R1
R2
PFI
PFO
GND
V
CC
SP690T/S/R
SP802T/S/R
SP804T/S/R
SP805T/S/R
PFO
V
TRIP
V
H
V
IN
V
CC
0V
3.0V OR 3.3V
V
CC
V
TRIP = R2
V
L = R2
WHERE V
PFT = 1.25V
V
PFH = 10mV
NOTE: V
TRIP IS NEGATIVE
V
PFT + VPFH
(
) 1 + 1
R1
R2
(
)
V
PFT
[ (1 + 1
R1
R2
)- VCC
R3
]
[
- V
CC
R1
]
V
TRIP = VPFT
V
H =
R1 + R2
R2
(
)
V
PFT
+ VPFH
(R1+R2
R2
)
(
)
A.)
B.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com