Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2810 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2810
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2810 Datasheet HTML 1Page - Sipex Corporation SPX2810 Datasheet HTML 2Page - Sipex Corporation SPX2810 Datasheet HTML 3Page - Sipex Corporation SPX2810 Datasheet HTML 4Page - Sipex Corporation SPX2810 Datasheet HTML 5Page - Sipex Corporation SPX2810 Datasheet HTML 6Page - Sipex Corporation SPX2810 Datasheet HTML 7Page - Sipex Corporation SPX2810 Datasheet HTML 8Page - Sipex Corporation SPX2810 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
SPX2810A
SPX2810
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
2.5V Version
Output Voltage
0 ≤ I
OUT = 1A,
4.0V ≤ V
IN ≤ 10V
2.475
2.500
2.525
2.450
2.500
2.550
V
(Note 2)
2.450
2.550
2.425
2.575
3.0V Version
Output Voltage
0 ≤ I
OUT = 1A,
4.5V ≤ V
IN ≤ 10V
2.970
3.000
3.030
2.940
3.000
3.060
V
(Note 2)
2.940
3.060
2.790
3.090
3.3V Version
Output Voltage
0 ≤ I
OUT = 1A,
4.8V ≤ V
IN ≤ 10V
3.267
3.300
3.333
3.234
3.300
3.366
V
(Note 2)
3.234
3.366
3.069
3.399
All Output Options
Reference Voltage
I
OUT=10mA, VIN = VOUT +3V
1.238
1.250
1.263
1.225
1.250
1.275
V
10≤I
OUT≤ 1A, 1.5V≤(VIN-VOUT)≤ 5.75V
1.225
1.281
1.212
1.288
Min Load Current
1.5≤(V
IN - VOUT)≤5.75V
510
10
mA
(Note 3)
Line Regulation
2.75≤V
IN≤ 7V, IOUT=TJ=25°C (Note 2)
0.005
0.2
0.005
0.2
%
Load Regulation
(V
IN - VOUT)=3.0V, 10mA≤IOUT≤ 1A,
0.05
0.3
0.05
0.2
%
T
J=25°C (Note 3)
Dropout Voltage
I
OUT=1A (Note 3)
1.1
1.2
1.1
1.2
V
(Note 2)
I
OUT=1A (Note 2)
1.05
1.15
Current Limit
V
IN=7V,1.4≤(VIN-VOUT)(Note 3)
1.2
2.0
1.2
A
Long Term Stability
T
A=25°C, 1000Hrs (Note2)
0.03
1.0
1.0
%
Thermal Regulation
25°C, 20mS Pulse
0.01
0.02
0.01
0.02
%/Ω
RMS Output Noise
T
A=25°C, 10Hz≤f≤10kHz
0.003
0.003
%
Thermal Resistance
TO-220 Junction to Tab
3.0
3.0
°C/W
TO-220 Junction to Ambient
60
60
TO-220 Junction to Tab
3.0
3.0
°C/W
TO-220 Juinction to Ambient
60
60
TO-220 Junction to Tab
6
6
°C/W
TO-220 Junction to Ambient
126
126
°C/W
SOT-223 Junction Tab
15
15
°CW
TO-220 Junction to Ambient
156
156
°C/W
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds) .................. 300°C
Storage Temperature Range ...................... -65°C to +150°C
Operating Junction Temperature Range ..... -40°C to +125°C
Input Supply Voltage ..................................................... +10V
NOTES:
Note 1: Output temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 2: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential at
very low values of programmed output voltage, the minimum input supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 3: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied excluding load or line regulation effect.
V
IN=VOUT + 1.5V, COUT = 10µF, at IOUT = 10mA, TA = 25°C, unless otherwise specified. Limits in Boldface applies
over the full operating temperature range.
ELECTRICAL CHARACTERISITCS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com