Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1KB Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FS1KB
Description  Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FS1KB Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FS1KB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FS1KB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.7± 0.25
1.3± 0.2
0.2± 0.05
5.4± 0.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
FS1DB FS1GB FS1JB FS1KB
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
V
MaximumRMS voltage
VRWS
140
280
420
560
V
MaximumDCblocking voltage
VDC
200
400
600
800
V
Maximumaverage forword rectified current
c @ T
L=90
O
C
IF(AV)
Peak forward surge current 8.3ms single
c half-sine-wave superimposed on rated
c load
IFSM
A
Maximuminstantaneous forward voltage at 1.0A
VF
V
MaximumDCreverse current
@T
A=25
o
C
at rated DCblocking voltage @T
A=125
o
C
Maximumreverse recovery time (NOTE1)
trr
250
ns
Typical junction capacitance (NOTE2)
CJ
pF
R JA
R JL
Operating junction and storage temperature range
TJTSTG
oC
700
1000
50
100
FS1MB
1000
50.0
1.30
- 55 ------ + 150
5.0
105
32
IR
NOTE: 1.Reverse recovery time test conditions:IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 1.0A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AA,molded plastic over
11 11passivated chip
Plastic package has underwriters laborator
111
f
lammabilityclassification 94V-0
DO- 214AA(SMB)
Typical thermal resitance (NOTE3)
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.2''X0.2''(5.0X5.0mm2) copper pad areas
For surface mounted applications
UNITS
50
100
35
oC/W
FS1BB
High temperature soldering:
11 1 250oC/10 seconds at terminals
Low profile package
FS1AB
Polarity: color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Glass passivated chip junction
1.0
70
10
500
150
30.0
Dimensions in millimeters
7.0
A
A
FS1AB-FS1MB
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FS1KB

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS1K JGD-FS1K Datasheet
254Kb / 4P
1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS1K MCC-FS1K Datasheet
621Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
FS1K CTC-FS1K Datasheet
173Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FS1K PFS-FS1K Datasheet
516Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS1K MCC-FS1K Datasheet
234Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FS1KB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com