Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3MB Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FS3MB
Description  Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FS3MB Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FS3MB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FS3MB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.7± 0.25
1.3± 0.2
0.2± 0.05
5.4± 0.2
MAXIMUMRATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
FS3DB FS3GB FS3JB FS3KB
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRWS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forword rectified current at
c TL=90OC
IF(AV)
Peak forward surge current @TL = 110°C 8.3ms
c single half-sine-wave superimposed on rated
c load
IFSM
A
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current
@TA=25oC
at rated DC blockjing voltage @TA=125oC
Maximum reverse recovery time (NOTE 1)
trr
250
ns
Typical junction capacitance (NOTE 2)
CJ
pF
Operating junction and storage temperature range
TJTSTG
oC
32
1000
700
100
150
10
0.0
Low profile package
FS3AB
Polarity: color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Glass passivated chip junction
35
oC/W
FS3BB
High temperature soldering:
11 1 250oC/10seconds at terminals
3.0
70
500
Plastic package has underwriters laborator
111
f
lammability classification 94V-0
DO - 214AA(SMB)
Typical thermal resitance (NOTE 3)
3. Thermal resistance from junction to ambient and junction to lead P.C.B.mounted on 0.2''X0.2''(5.0X5.0mm2)copper pad areas
FS3MB
For surface mounted applications
UNITS
50
100
NOTE: 1.Reverse recoverytime test conditions:IF=0.5A,IR=1.0A,Irr=0.25A
2. Measured at 1.0MHzand applied reverse voltage of 4.0 Volts
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 3.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AA,molded plastic over
11 11passivated chip
50
100
200.0
1.30
-55--------+150
5.0
IR
A
Dimensions in millimeters
R
JA
40.0
FS3AB-FS3MB
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FS3MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS3M ETC1-FS3M Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Rectifier
logo
Shenzhen Luguang Electr...
FS3M LUGUANG-FS3M Datasheet
247Kb / 2P
3.0AMPS. Surface Mount Fast Recovery Rectifiers
More results

Similar Description - FS3MB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com