Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS14B Datasheet(PDF) 2 Page - Frontier Electronics.

Part # LS14B
Description  1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LS14B Datasheet(HTML) 2 Page - Frontier Electronics.

  LS14B Datasheet HTML 1Page - Frontier Electronics. LS14B Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LS12B THRU LS14B
Page: 2
RATINGS AND CHARACTERISTIC CURVE LS12B THRU LS14B
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
.10
.01
.001
TJ=125
℃
TJ=75
℃
TJ=25
℃
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3 5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25
℃
PULSE WIDTH=300us
1% DUTY CYCLE
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
FIG. 1 - FORWARD CURRENT
DERATING CURVE
1.0
.75
.50
.25
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
℃
SINGLE PHASE HALF
WAVE 60HZ RESISTIVE
OR INDUCTIVE LOAD
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
IG. 5 - TYPICAL JUNCTION CAPACITANCE
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40
REVERSE VOLTAGE (V)
TJ=250C
FIG. 4 - MAXIMUM NON-REPETITIVE
30
25
20
10
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com