Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2975 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2975
Description  180 mA Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2975 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2975 Datasheet HTML 1Page - Sipex Corporation SPX2975 Datasheet HTML 2Page - Sipex Corporation SPX2975 Datasheet HTML 3Page - Sipex Corporation SPX2975 Datasheet HTML 4Page - Sipex Corporation SPX2975 Datasheet HTML 5Page - Sipex Corporation SPX2975 Datasheet HTML 6Page - Sipex Corporation SPX2975 Datasheet HTML 7Page - Sipex Corporation SPX2975 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Date: 6/30/04
SPX2975 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Input Voltage ...................................................................... -42V to 45V
Output Voltage .................................................................... -1.0 to 16V
Output Current ............................................................ Internally limited
Reset Output Voltage .......................................................... -0.3 to 25V
Reset Output Current ..................................................... -5mA to +5mA
Reset Delay Voltage ........................................................ -0.3V to 7.0V
Reset Delay Current ......................................................... -2mA to 2mA
Storage Temperature .................................................. -50°C to +150°C
Junction Temperature.(Note 1) ................................... -40°C to +150°C
5 Pin TO-220
T
JA...............................................................................................27.8ºC/W
T
JC.................................................................................................79ºC/W
5 Pin T0 263
T
JA...............................................................................................57.2ºC/W
T
JC................................................................................................7.6ºC/W
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
VIN = 13.5V; -40°C < Tj < 150°C. Unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Note 1: Specifications in the -40°C to 150°C range are guaranteed by design, not production tested.
Note 2: Measured when the output voltage (Vout) has dropped 100mV form the nominal value obtained at Vin=13.5V
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage
5.5
42
V
Junction Temperature
-40
150
C
Output Voltage
4.9
5.0
5.1
V
5mA < IQ < 400mA
6V < VI < 28V
Output Voltage
4.9
5.0
5.1
V
5mA < IQ < 200mA
6V < VI < 40V
Output Current limitation (note 1)
450
700
V
Output Leakage Current
0.1
100
µA
Current Consumption
70
200
µAIOUT = 1mA
Current Consumption
7
10
mA
IOUT = 250mA
Current Consumption
17
22
mA
IOUT = 400mA
Dropout Voltage
(note 2)
350
500
mV
IOUT = 300mA
VDO = VOUT - VIN
Load Regulation
5
30
mV
IOUT = 5mA to 400mA
Line Regulation
-15
2
15
mV
VIN = 8V to 32V
IOUT = 5mA
PSRR
60
dB
fr = 100Hz; Vr = 0.5Vpp
Temperature Output Voltage Drift
0.2
mV/K
Reset Switching Threshold
4.5
4.65
4.8
V
VTH
Reset Output Low Voltage
0.2
0.4
V
Rext ≥ 5kΩ ; VOUT > 1 V
Reset Output Leakage Current
0
10
µA
VROH = 5V
Reset Charging Current
3.0
5.5
9.0
µAVRD = 1V
Upper Timing Threshold
1.5
1.8
2.2
V
VthH
Lower Timing Threshold
0.2
0.4
0.7
V
VthL
Reset Delay Time
10
16
22
mS
CO = 47nF, Td
Reset Reaction Time
0.5
2.0
µsCO = 47nF, Trv



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com