Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431C Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX431C
Description  Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431C Datasheet(HTML) 3 Page - Sipex Corporation

  SPX431C Datasheet HTML 1Page - Sipex Corporation SPX431C Datasheet HTML 2Page - Sipex Corporation SPX431C Datasheet HTML 3Page - Sipex Corporation SPX431C Datasheet HTML 4Page - Sipex Corporation SPX431C Datasheet HTML 5Page - Sipex Corporation SPX431C Datasheet HTML 6Page - Sipex Corporation SPX431C Datasheet HTML 7Page - Sipex Corporation SPX431C Datasheet HTML 8Page - Sipex Corporation SPX431C Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 10/30/00
SPX431C
*CALCULATING AVERAGE TEMPERATURE COEFFICEINT (TC)
TEST CIRCUITS
I
K
I
REF
V
IN
V
KA = VREF
V
IN
V
KA
I
K
R
1
R
2
(V
REF)
TEST CIRCUIT
For VKA > VREF
TEST CIRCUIT
For VKA= VREF
V
IN
V
KA
I
K (OFF)
TEST CIRCUIT
For IROFF
I
REF
1G-38
1G-39
1G-40
∆T
∆V
REF
0
153045607590
105
-10
0.5
5000
0
0
0
0.07 mV/°C
0.003 %/°C
27 ppm/°C
TC in mV/°C =
TC in mV/°C =
∆V
REF (mV)
∆T
A
∆T
A
∆V
REF at 25°C
∆V
REF
x 100
()
TC in ppm/°C =
∆T
A
∆V
REF at 25°C
∆V
REF
x 106
()



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com