Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041AM-2 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX4041AM-2
Description  Precision Micropower 1.24V Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041AM-2 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX4041AM-2 Datasheet HTML 1Page - Sipex Corporation SPX4041AM-2 Datasheet HTML 2Page - Sipex Corporation SPX4041AM-2 Datasheet HTML 3Page - Sipex Corporation SPX4041AM-2 Datasheet HTML 4Page - Sipex Corporation SPX4041AM-2 Datasheet HTML 5Page - Sipex Corporation SPX4041AM-2 Datasheet HTML 6Page - Sipex Corporation SPX4041AM-2 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev. 10/25/00
SPX4041
ORDERING INFORMATION
Ordering No. Temp Coef. Output Accuracy
Packages
SPX4041AN-2
100ppm
1%
3 Lead TO-92
SPX4041AN-3
100ppm
2%
3 Lead TO-92
SPX4041BN-2
150ppm
1%
3 Lead TO-92
SPX4041BN-3
150ppm
2%
3 Lead TO-92
SPX4041AM-2
100ppm
1%
3 Lead SOT-23
SPX4041AM-3
100ppm
2%
3 Lead SOT-23
SPX4041BM-2
150ppm
1%
3 Lead SOT-23
SPX4041BM-3
150ppm
2%
3 Lead SOT-23
SPX4041AS-2
100ppm
1%
8 Lead SOIC
SPX4041AS-3
100ppm
2%
8 Lead SOIC
SPX4041BS-2
150ppm
1%
8 Lead SOIC
SPX4041BS-3
150ppm
2%
8 Lead SOIC
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com