Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041AS-2 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX4041AS-2
Description  Precision Micropower 1.24V Shunt Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041AS-2 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX4041AS-2 Datasheet HTML 1Page - Sipex Corporation SPX4041AS-2 Datasheet HTML 2Page - Sipex Corporation SPX4041AS-2 Datasheet HTML 3Page - Sipex Corporation SPX4041AS-2 Datasheet HTML 4Page - Sipex Corporation SPX4041AS-2 Datasheet HTML 5Page - Sipex Corporation SPX4041AS-2 Datasheet HTML 6Page - Sipex Corporation SPX4041AS-2 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. 10/25/00
SPX4041
DRAWING PACKAGE
8-PIN SOIC (S)
Pin 1
1.27 (0.50)
BSC
3.8 (0.150)
4.0 (0.158)
4.6 (0.181)
5.2 (0.205)
5.8 (0.228)
6.2 (0.244)
4.8 (0.188)
5.0 (0.197)
0.49 (0.019)
0.56 (0.022)
0.35 (0.014)
0.45 (0.018)
0.10 (0.004)
0.20 (0.008)
0.19 (0.007)
0.22 (0.009)
1.35 (0.053)
1.75 (0.069)
0.61 (0.024)
0.78 (0.031)
3
°-6°
0.64 (0.025)
0.77 (0.030)
45
°
7
°(4 PLCS)
7
°(4 PLCS)
0.37 (0.015)
BSC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com