Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3010 Datasheet(PDF) 6 Page - System Logic Semiconductor

Part # SL3010
Description  INFRARED REMOTE CONTROL TRANSMITTER RC-5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL3010 Datasheet(HTML) 6 Page - System Logic Semiconductor

  SL3010 Datasheet HTML 1Page - System Logic Semiconductor SL3010 Datasheet HTML 2Page - System Logic Semiconductor SL3010 Datasheet HTML 3Page - System Logic Semiconductor SL3010 Datasheet HTML 4Page - System Logic Semiconductor SL3010 Datasheet HTML 5Page - System Logic Semiconductor SL3010 Datasheet HTML 6Page - System Logic Semiconductor SL3010 Datasheet HTML 7Page - System Logic Semiconductor SL3010 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SL3010
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS (Voltage Reference to GND)
(VCC= 2.0 to 7.0V unless otherwise specified, TA=-25 to +70
°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Max
Unit
ICC
Quiscent supply
current
UIL=0B; VIH=VCC
IOUT=0 mA at all outputs
40
µA
INPUTS
IIN
Input current
Pins 01, 03-06; 21-27
VIL=0V
-10
-600
µA
Pin 18
VIL=0V; VIH=VCC
3.0
33
ILI
Input leakage current
Pins 01-06;19-27
VIL=0V; VIH=VCC
-
±10
µA
Pin 18
-
-20
OUTPUTS
VOH
Output voltage HIGH,
pins 07-08
IOH=-0.4mA
VIL=0.3 VCC
VCC-0.3
-
V
VOL
Output voltage LOW
Pins 07-08
IOL=0.6mA
VIL=0V, VHI=0.7VCC
-
0.3
V
Pins 9-13; 15-17
IOL=0.3mA, VIL=0V,
VIH=0.7VCC
-
0.3
V
ILO
Output leakage
current
VO=VCC, VIH=VCC, VOH=VCC
-
10
µA
Pins 07-13; 15-17
-
ILO
Output leakage
current
VO=0V, VIH=VCC, VOL=0V
-
-20
µA
Pins 07-08
-
IOH
DC Output Current
Pins 9-13; 15-17
VIL=0V; VIH=VCC; VOH=VCC
10
µA
AC ELECTRICAL CHARACTERISTICS
TA=-25 to +85
°C; V
CC=2.0 to 7.0 V unless otherwise specified
Symbol
Parameter
Test Condition
Guaranteed Limits
Typ
Max
Unit
Oscillator frequency
CL=160pF
fOSC
operational
432
450
KHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com