Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL339 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL339
Description  Quad Single Supply Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL339 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL339 Datasheet HTML 1Page - System Logic Semiconductor SL339 Datasheet HTML 2Page - System Logic Semiconductor SL339 Datasheet HTML 3Page - System Logic Semiconductor SL339 Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL339
System Logic
Semiconductor
SLS
Quad Single Supply Comparator
The SL339 consists of four independent precision voltage
comparators with an offset voltage specification as low as 2.0 mV max
for four comparators which were designed specifically to operate from a
single power supply over a wide range of voltages.
Application areas include limit comparators, simple analog to digital
converters; pulse, squarewave and time delay generators; wide range
VCO; MOS clock timers; multivibrators and high voltage digital logic
gates.
•
Single or Split Supply Operation
•
Low Input Bias Current
•
Low Input Offset Current
•
Input Common Mode Voltage Range to Gnd
•
Low Output Saturation Voltage
•
TTL and CMOS Compatible
ORDERING INFORMATION
SL339N Plastic
SL339D SOIC
TA = 0
° to 70° C for all packages.
LOGIC DIAGRAM
PIN 3 = VCC
PIN 12 = GND
PIN ASSIGNMENT


Similar Part No. - SL339

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL33 PANJIT-SL33 Datasheet
55Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL33 TRSYS-SL33 Datasheet
123Kb / 1P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SL33 GOOD-ARK-SL33 Datasheet
181Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
Guangdong Juxing Electr...
SL33 JUXING-SL33 Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
logo
Frontier Electronics.
SL33 FRONTIER-SL33 Datasheet
450Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL339

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK339 KODENSHI-KK339 Datasheet
229Kb / 5P
Quad Single Supply Comparator
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
Quad Single Supply Comparator
logo
IK Semicon Co., Ltd
IL339 IKSEMICON-IL339 Datasheet
253Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901 Datasheet
450Kb / 12P
Quad Single Supply Comparator
IL339 IKSEMICON-IL339_11 Datasheet
202Kb / 5P
Quad Single Supply Comparator
IL2901 IKSEMICON-IL2901_11 Datasheet
396Kb / 12P
Quad Single Supply Comparator
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
New Japan Radio
NJM2901C NJRC-NJM2901C Datasheet
771Kb / 6P
SINGLE-SUPPLY QUAD COMPARATOR
ver.06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com