Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # S3JB
Description  3.0 AMPS. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

S3JB Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  S3JB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd S3JB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
S3AB - S3MB
3.0 AMPS. Surface Mount Rectifiers
SMB/DO-214AA
Features
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Weight: 0.093 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol S3AB S3BB S3DB S3GB S3JB S3KB S3MB
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TL =75
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
80
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.15
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
250
uA
uA
Typical Reverse Recovery Time ( Note 1 )
Trr
1.5
uS
Typical Junction Capacitance ( Note 2 )
Cj
40
pF
Typical Thermal Resistance (Note 3)
RθJL
10
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Measured on P.C. Board with 0.4” x 0.4” (10mm x 10mm) Copper Pad Areas.
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3A TSC-HS3A_1 Datasheet
238Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
S3A TSC-S3A Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3A TSC-S3A_1 Datasheet
278Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB_1 Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
S3A YANGJIE-S3A Datasheet
703Kb / 2P
3.0 AMPS. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S3A TSC-S3A_08 Datasheet
2Mb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3AB TSC-S3AB_10 Datasheet
471Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
SS32A LUGUANG-SS32A Datasheet
362Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
BR33 LUGUANG-BR33 Datasheet
1Mb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com