Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL339D Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL339D
Description  Quad Single Supply Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL339D Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL339D Datasheet HTML 1Page - System Logic Semiconductor SL339D Datasheet HTML 2Page - System Logic Semiconductor SL339D Datasheet HTML 3Page - System Logic Semiconductor SL339D Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL339
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(T
A=0 to +70
°C)
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIO
Input Offset Voltage
V0=1.4V
VCC=5.0-30V;RS
≤100Ω
VICR=0V - (VCC-1.5)V
-
9.0
mV
IIB
Input Bias Current
V0=1.4V
VCC=5.0-30V
VICR=0V - (VCC-1.5)V
-
400
nA
IIO
Input Offset Current
V0=1.4V
VCC=5.0-30V
VICR=0V - (VCC-1.5)V
-
±150
nA
VICR
Input Common Mode
Voltage Range
VCC=5.0-30V
0
VCC-2.0V
V
ICC
Supply Current
RL=
∞,V
CC=5.0
RL=
∞,V
CC=30V
-
-
2.0*
2.5*
mA
AVOL
Voltage Gain
VCC=15V, RL=15K
Ω
-
200*
-
V/mV
t1
Large Signal
Response Time
VIN=TTL Logic Swing,
Vref=1.4V, VCC=5.0V,
RL=5.1K
Ω, V
RL=5.0V
-
300*
-
ns
t2
Response Time
VCC=5.0V, RL=5.1K
Ω,
VRL=5.0V
-
1.3*
-
µs
Isink
Output Sink Current
VI(-)=1.0V, VI(+)=0V, V0
≤1.5V,
VCC=5.0V
6.0*
-
-
mA
Vsat
Saturation Voltage
VI(-)=1.0V, VI(+)=0V,
Isink
≤4.0mA, V
CC=5.0V
-
-
700
mV
IOL
Output Leakage
Current
VI(+)=1.0V, VI(-)=0V, V0=5.0V
V0=30V
0.1*
1000
nA
VIDR
Differential Input
Voltage Range
All VIN
≥GND or V-Supply (if
used)
VCC*
V
*=@25
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com