Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063AP1 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 34063AP1
Description  DC-TO-DC CONVERTER CONTROL CIRCUITS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

34063AP1 Datasheet(HTML) 1 Page - System Logic Semiconductor

  34063AP1 Datasheet HTML 1Page - System Logic Semiconductor 34063AP1 Datasheet HTML 2Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
System Logic
Semiconductor
SLS
DC-TO-DC CONVERTER CONTROL CIRCUITS
The SL34063A is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These
devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with
an active current limit circuit, driver and high current output switch. This series was specifically designed to be
incorporated in Step-Down and Step-Up and Voltage-Inverting applications with a minimum number of external
components.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• Operation from 3.0 V to 40 V Input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.5 A
• Output Voltage Adjustable
• Frequency Operation to 100 kHz
• Precision 2% Reference
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
-0.3 to +40 Vdc
Switch Collector Voltage
VC(switch)
40
Vdc
Switch Emitter Voltage (Vpin 1 = 40 V)
VE(switch)
40
Vdc
Switch Collector to Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
IC(driver)
40
Vdc
Driver Collector Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Characteristics
Ceramic Package, U Suffix TA = +25°C
Thermal Resistance
Plastic Package, P Suffix TA = +25°C
Thermal Resistance
SOIC Package, D Suffix TA = +25°C
Thermal Resistance
PD
RθJA
PD
RθJA
PD
RθJA
1.25
100
1.25
100
625
160
W
°C/W
W
°C/W
mW °C/
W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
-65to+150 °C
SL34063A


Similar Part No. - 34063AP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063AP1 ETC-34063AP1 Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
More results

Similar Description - 34063AP1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
DC-TO-DC Converter Control Circuits
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
DC-to-DC Converter Control Circuits
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
DC-to-DC Converter Control Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com