Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4015B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4015B
Description  Dual 4-Stage Static Shift Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4015B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4015B Datasheet HTML 1Page - System Logic Semiconductor SL4015B Datasheet HTML 2Page - System Logic Semiconductor SL4015B Datasheet HTML 3Page - System Logic Semiconductor SL4015B Datasheet HTML 4Page - System Logic Semiconductor SL4015B Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL4015B
System Logic
Semiconductor
SLS
Dual 4-Stage Static Shift Register
High-Voltage Silicon-Gate CMOS
The SL4015B consists of two identical, independent, 4-stage serial-
input/parallel-output registers. Each register has independent CLOCK
and RESET inputs as well as a single serial DATA input. “Q” outputs
are available from each of the four stages on both registers. All register
stages are D-type, master-slave flip-flops. The logic level present at the
DATA input is transferred into the first register stage and shifted over
one stage at each positive-going clock transition. Resetting of all
stages is accomplished by a high level on the reset line. Register
expansion to 8 stages using one SL4015B package, or to more than 8
stages using additional SL4015B’s is possible.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4015BN Plastic
SL4015BD SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Clock
Data
Reset
Q1
Qn
L
L
L
Qn-1
H
L
H
Qn-1
X
L
No change
X
X
H
L
L
X = don’t care
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND


Similar Part No. - SL4015B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4011B SLS-SL4011B Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4011BD SLS-SL4011BD Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4011BN SLS-SL4011BN Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4012B SLS-SL4012B Datasheet
30Kb / 4P
Dual 4-Input NAND Gate
SL4012BD SLS-SL4012BD Datasheet
30Kb / 4P
Dual 4-Input NAND Gate
More results

Similar Description - SL4015B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
Dual 4-Stage Static Shift Register
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
DUAL 64 STAGE STATIC SHIFT REGISTER
Sep-2002
logo
Unisonic Technologies
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
CMOS Dual 4-stage Static Shift Register
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com