Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4015BD Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4015BD
Description  Dual 4-Stage Static Shift Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4015BD Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4015BD Datasheet HTML 1Page - System Logic Semiconductor SL4015BD Datasheet HTML 2Page - System Logic Semiconductor SL4015BD Datasheet HTML 3Page - System Logic Semiconductor SL4015BD Datasheet HTML 4Page - System Logic Semiconductor SL4015BD Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL4015B
.
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tmax
Maximum Clock Frequency (Figure 1)
5.0
10
15
3
6
8.5
3
6
8.5
1.5
3
4.25
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock to Q (Figure
1)
5.0
10
15
320
160
120
320
160
120
640
320
240
ns
tPHL
Maximum Propagation Delay, Reset to Q (Figure
2)
5.0
10
15
400
200
160
400
200
160
800
400
320
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
180
80
50
180
80
50
360
160
100
ns
tw
Minimum Pulse Width, Reset (Figure 2)
5.0
10
15
200
80
60
200
80
60
400
160
120
ns
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
5.0
10
15
70
40
30
70
40
30
140
80
60
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
5.0
10
15
0
0
0
0
0
0
0
0
0
ns
tr, tf
Maximum Input Rise and Fall Time (Figure 1)
5.0
10
15
15
6
2
15
6
2
30
12
4
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com