Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL24 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SSL24
Description  2.0 AMP. Surface Mount Low VF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SSL24 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SSL24 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SSL24 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
SSL22 - SSL24
2.0 AMP. Surface Mount Low V
F
Schottky Barrier Rectifiers
SMB/DO-214AA
Features
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Cases: Molded plastic
Terminals: Matte tin plating
Polarity: Indicated by cathode band
Weight: 0.093 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SSL22
SSL23
SSL24
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
V
Maximum RMS Voltage
VRMS
14
21
28
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
80
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 2.0A
VF
0.41
V
0.4
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
50
60
mA
mA
Maximum Thermal Resistance (Note 2)
R θJL
R θJA
25
70
oC /W
Marking Code
SL22
SL23
SL24
Operating Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle.
2. Measured on P.C. Board with 0.4 x .4”(10 x 10mm) Copper Pad Areas.
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SSL24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL24 TSC-SSL24 Datasheet
50Kb / 2P
2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL24 TSC-SSL24 Datasheet
127Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL24 MIC-SSL24 Datasheet
59Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL24 TSC-SSL24 Datasheet
378Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL24 TSC-SSL24 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SSL24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL12 TSC-SSL12 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22 Datasheet
50Kb / 2P
2.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22_1 Datasheet
127Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SSCD204L SECOS-SSCD204L Datasheet
510Kb / 2P
2.0 AMP Low Vf Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SKL13B TSC-SKL13B Datasheet
343Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SKL13B TSC-SKL13B_10 Datasheet
469Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL12 TSC-SSL12_10 Datasheet
378Kb / 2P
1.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22_10 Datasheet
378Kb / 2P
2.0 AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK22AL SECOS-SK22AL_12 Datasheet
260Kb / 2P
Low VF & Low IR 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SK22BL SECOS-SK22BL_12 Datasheet
288Kb / 2P
Low VF & Low IR 2.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com