Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3JB Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # US3JB
Description  Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

US3JB Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  US3JB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd US3JB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.001
0.01
0.1
1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
PULSE WIDTH=300μ
s1%DUTY CYCLE TJ
=25
US3AB-US3GB
US3JB-US3MB
0
0
RES IST IVE OR INDUCTIVE
LO A D
25
50
75
1 00
1 25
1 50
1.5
2.5
2.0
0.5
0.2X 0.2"(5.0X 5.0m m )
COPPER PA D
ARE A S
1.0
3.0
0
1
10
100
50
100
TL=110℃
8.3ms SINGLE HALF SINE-WAVE
(JEDEC METHOD)
0
0.1
10
20
40
60
80
100
0.01
TJ
=125℃
125℃
100℃
25℃
1
100
0.1
1
10
0.01
0.1
1
10
100
100
REVERSE VOLTAGE(V)
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
LEAD TEMPERATURE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE.(
%)
T,PULSE DURATION,
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.1 -- FORWARD CURRENT DERATING CURVE
     TJ=25
1
2
4
6
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20
US3KB,US3MB
US3AB-US3JB
US3AB-US3MB
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com